Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC103C3R5/X Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # JC103C3R5/X
Description  Thermometrics Clip-On Pipe and Surface Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

JC103C3R5/X Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  JC103C3R5/X Datasheet HTML 1Page - List of Unclassifed Manufacturers JC103C3R5/X Datasheet HTML 2Page - List of Unclassifed Manufacturers JC103C3R5/X Datasheet HTML 3Page - List of Unclassifed Manufacturers JC103C3R5/X Datasheet HTML 4Page - List of Unclassifed Manufacturers JC103C3R5/X Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Type JC Specifications
Description
A range of temperature sensing elements on a ceramic/
metal shoe assembly, held in a polymer housing and
provided with connector tabs. The housing is fitted with
a spring metal clip for pipe attachment. The elements
available are NTC, PTC, SLN (silicon linear PTC) and PRT (Pt).
Options
• Other resistance – temperature characteristics
• Special pipe sizes
• Waterproof version – JW (see page 2)
General Data
• Minimum operating temperature: 32°F (0°C)
• Maximum temperature: 212°F (100°C) (sensor) 185°F
(85°C) (housing)
• Dissipation factor: =2mW/K (mounted on copper pipe
at 77°F (25°C))
• Isolation voltage: 500 VDC
• Clip force: <50N for mounting/de-mounting on pipe
5N will not cause rotation on pipe
• Shoe material: Plated brass
• Body material: Nylon
• Pack quantity & MOQ: 200 pcs
NTC Data
For codes, see below.
Code
Nominal Resistance
Tolerances
B 25/85
K
Identification
color dot
77°F
25°C
140°F
60°C
185°F
85°C
77°F
25°C
140°F
60°C
185°F
85°C
Ω
Ω
Ω
±%
±°C
±%
±°C
±%
±°C
JC502C3R5/X
4990
1250
540
6.46
1.48
5.00
1.40 5.90
1.87
3960 ± 1%
Orange
JC103C3R5/X
9983
2500
1079
6.46
1.48
5.00
1.40 5.90
1.87
3960 ± 1%
None
JC103C4R5/X
9925
3000
1441
6.26
1.67
5.00
1.60 5.77
2.09
3435 ± 1%
Yellow
PTC Data
• Maximum applied voltage: 30V
• Maximum applied voltage for temperature sensing: 2.5V
For codes, see below.
TNF
-20°C to TNF –20°C
77°F (25°C)
TNF -5°C
TNF + 5°C
TNF + 23°C
Identification dots
Ω
VDC
Ω
VDC
Ω
VDC
Ω
VDC
Ω
VDC
JC060/X 60°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
White/Gray
JC070/X 70°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
White/Brown
JC080/X 80°C
<=250
2.5
<=100
0.2
<=570
2.5
>=570
2.5
>=10000
2.5
White/White



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com