Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APSF2R5ESS331MF08S Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # APSF2R5ESS331MF08S
Description  CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

APSF2R5ESS331MF08S Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  APSF2R5ESS331MF08S Datasheet HTML 1Page - Nippon Precision Circuits Inc APSF2R5ESS331MF08S Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
Radial Lead
CAT. No. E1001K
?PART NUMBERING SYSTEM
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 560MF:561)
Lead forming·Taping code
Terminal code
Voltage code (ex. 2.5V:2R5, 16V:160)
Series code
Category
A P S F 2 R 5 E A A 5 6 1
F 0 8 S
M
13
4
26
7
8
9
10
512
13
11
16
17
18
15
14
?STANDARD RATINGS
SS : Enter the appropriate lead forming or taping code.
Please refer to "Product code guide (conductive polymer type)"
Upgrade!
WV(Vdc)
Cap(mF)
Case size
fDbL(mm)
ESR
(mo max./20c, 100k to 300kHz)
Rated ripple current
(mArms/105c, 100kHz)
Part No.
2
1,000
6.3B8
5
5,900
APSF2R0ESS102MF08S
2.5
330
6.3B8
5
5,900
APSF2R5ESS331MF08S
470
6.3B8
5
5,900
APSF2R5ESS471MF08S
560
6.3B8
5
5,900
APSF2R5ESS561MF08S
820
6.3B8
5
5,900
APSF2R5ESS821MF08S
1,600
8B8
5
6,100
APSF2R5ESS162MH08S
16
100
6.3B5
24
2,490
APSF160ESS101MF05S
100
6.3B10.5
25
2,820
APSF160ESS101MFA5S
270
8B8
10
5,000
APSF160ESS271MH08S
270
8B11.5
11
5,080
APSF160ESS271MHB5S
330
8B8
13
4,700
APSF160ESS331MH08S
470
8B11.5
11
5,400
APSF160ESS471MHB5S
470
10B11.5
10
6,100
APSF160ESS471MJB5S
(2/2)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com