Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASH7KW Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASH7KW
Description  32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASH7KW Datasheet(HTML) 1 Page - Abracon Corporation

  ASH7KW Datasheet HTML 1Page - Abracon Corporation ASH7KW Datasheet HTML 2Page - Abracon Corporation ASH7KW Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
||| | | | | ||| | | | | |
ASH7KW
APPLICATIONS:
FEATURES:
32.768kHz LOW POWER SMD CRYTAL OSCILLATOR
30332 Esperanza, Rancho Santa Margarita, California92688
tel 949-546-8000 | fax 949-546-8001| www.abracon.com
Revised: 02.10.13
Visit www.abracon.com for Terms & Conditions of Sale
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
3.2 x 1.5 x 1.0mm
• Ultra-miniature size 3.2x1.5x1.0mm [max.]
• Low Voltage Operation (Min:1.2V)
• Low Current Consumption
• Operating temperature : -40 to +85 °C; -40 to +125 °C
• VDD controls the output amplitude
STANDARD SPECIFICATIONS
• Factory Automation
• PC Sever
• W-LAN/GPS Chipset
• General purpose clock generator for digital systems
• Clock drivers for Real Time Clocks
• Timekeeping in network servers and computers
• Electricity, gas and water metering
• Portable field communication
• Mobile phone
• Clock & Data recovery
• CCD clock for VTR camera
• Computers and peripherals
• Portable MP3 players & games
Parameters
Minimum
Typical
Maximum
Units
Notes
Output Frequency
32.768
kHz
Operating Temperature
-40
+85
°C
Option “L”
-40
+125
Option “H”
Storage Temperature
-55
+125
°C
Turnover Temperature
+20
+25
+30
°C
Frequency Tolerance
-20
+20
ppm
Temperature Coefficient
-0.035±10%
ppm/C²
Supply Voltage Range (Vdd)
1.2
5.5
V
Current Consumption
0.3
0.5
µA
Vdd=3.0V, OE (output disabled)
Current Consumption
1.8
µA
Load=15pF, Vdd=3.0V, OE
Output Load (CMOS)
15
pF
Output Voltage
VOH
Vdd -0.4
V
IOH = -1mA
VOL
GND+0.4
IOL = 1mA
CLKOE Pin Function
"1" (VIH≥0.8*Vdd) or Open: Oscillation
"0" (VIL<0.2*Vdd) : Output disabled
Aging@+25
-3.0
+3.0
ppm
First year
Duty Cycle
40
60
%
Voltage Coefficient
-1.5
+1.5
ppm/V
Start-up Time
0.5
s
Output Rise Time
70.0
ns
Load=10pF, 10% to 90%
Output Fall Time
70.0
ns
Load=10pF, 10% to 90%
RoHS/RoHS II Compliant
Pb
Moisture Sensitivity Level (MSL) – Level 1
TYPICAL FREQUENCY TEMPERATURE CHARACTERISTICS:


Similar Part No. - ASH7KW

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASH7K ABRACON-ASH7K Datasheet
1Mb / 2P
Clock drivers for Real Time Clocks
12.27.11
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
More results

Similar Description - ASH7KW

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
XO64 EUROQUARTZ-XO64 Datasheet
248Kb / 1P
32.768kHz Low Power Clock Oscillator
logo
Fox Electronics
F32K FOX-F32K Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Abracon Corporation
ASH7K-32.768KHZ-T ABRACON-ASH7K-32.768KHZ-T Datasheet
1Mb / 3P
32.768kHz SMD CRYTAL OSCILLATOR
12.27.11
logo
Fox Electronics
FK235 FOX-FK235 Datasheet
439Kb / 1P
HCMOS 3.3V 32.768kHz SMD Oscillator
F32K-327 FOX-F32K-327 Datasheet
128Kb / 2P
HCMOS 32.768kHz SMD Oscillator
logo
Golledge Electronics Lt...
OM7604C7 GOLLEDGE-OM7604C7 Datasheet
577Kb / 5P
Low Power 32.768kHz SM Oscillator
OV7604C7 GOLLEDGE-OV7604C7_18 Datasheet
569Kb / 5P
Low Power 32.768kHz SM Oscillator
OM7605C8 GOLLEDGE-OM7605C8 Datasheet
578Kb / 5P
Low Power 32.768kHz SM Oscillator
logo
Fox Electronics
O1HK FOX-O1HK Datasheet
251Kb / 6P
2.0x1.6mm 32.768kHz SMD Oscillator
O2HK FOX-O2HK Datasheet
250Kb / 6P
2.5x2.0mm 32.768kHz SMD Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com