Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPC1593GS Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1593GS
Description  Single-Pole, Normally Open OptoMOS짰 Relay Integrated Current Limit with Voltage and Thermal Protection
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1593GS Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1593GS Datasheet HTML 1Page - IXYS Corporation CPC1593GS Datasheet HTML 2Page - IXYS Corporation CPC1593GS Datasheet HTML 3Page - IXYS Corporation CPC1593GS Datasheet HTML 4Page - IXYS Corporation CPC1593GS Datasheet HTML 5Page - IXYS Corporation CPC1593GS Datasheet HTML 6Page - IXYS Corporation CPC1593GS Datasheet HTML 7Page - IXYS Corporation CPC1593GS Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1593-R01
1
CPC1593
RoHS
2002/95/EC
e3
Pb
Single-Pole, Normally Open OptoMOS® Relay
Integrated Current Limit with Voltage and Thermal Protection
Part #
Description
CPC1593G
6-Pin DIP (50/Tube)
CPC1593GS
6-Pin Surface Mount (50/Tube)
CPC1593GSTR
6-Pin Surface Mount, Tape & Reel (1000/Reel)
Parameter
Rating
Units
Load Voltage
600
V
P
Load Current
±120
mA
On-Resistance (max)
35
Input Control Current
2
mA
Applications
Features
Description
Ordering Information
Block Diagram
• Integrated Active Current-Limit with
Over-Voltage Protection
• Thermal Regulation
• 600V
P Blocking Voltage
• Guaranteed Turn-On: 2mA Input Control Current
• 3750V
rms Input/Output Isolation
• Low Drive Power Requirements
(TTL/CMOS Compatible)
• Arc-Free With No Snubbing Circuits
• No EMI/RFI Generation
Switching Characteristics of
Normally Open Devices
Approvals
Form-A
I
F
I
LOAD
10%
90%
t
on
t
off
• In-Rush Current Control
• Heating, Ventilation, Air Conditioning Control (HVAC)
• Security Systems
• Power Supplies
• Home Appliances
• IC Equipment Protection
• Instrumentation
• Medical Equipment—Patient/Equipment Isolation
• Aerospace
• Industrial Controls
Thermal
Management
Gate Drive
Control
Current Limit
and
Over-Voltage
Protection
+
V
F
-
LOAD
LOAD
• UL Recognized Component: File E76270
• CSA Certified Component: Certificate 1172007
• EN/IEC 60950-1 Certified Component:
TUV Certificate: B 10 05 49410 006
The CPC1593 is a normally open (1-Form-A)
Solid State Relay that incorporates load current
limiting with over-voltage protection and thermal
management. This self-resetting triple protection
scheme protects not only the CPC1593’s load,
but also the CPC1593 itself, thus creating a highly
effective switching mechanism that is designed to
survive in the harshest operating environments.
Over-voltage protection is activated when the voltage
across the switch is greater than 21V and the
device is in current limit. The over-voltage protection
deactivates the switch while allowing a restricted
load current of less than 100
A to flow. When the
voltage across the switch falls below the over-voltage
threshold, the switches reactivate. If the fault persists,
then these responses will repeat.
The CPC1593 is designed for use in AC
environments where fault conditions can persist for
long periods of time, and where, upon removal of
the fault, return to normal operation is expected. The
CPC1593 is designed to survive extended power
cross conditions.


Similar Part No. - CPC1593GS

ManufacturerPart #DatasheetDescription
logo
Littelfuse
CPC1593GS LITTELFUSE-CPC1593GS Datasheet
202Kb / 8P
600V, 120mA, Single-Pole, Normally Open Relay
11/18/2025
CPC1593GSTR LITTELFUSE-CPC1593GSTR Datasheet
202Kb / 8P
600V, 120mA, Single-Pole, Normally Open Relay
11/18/2025
More results

Similar Description - CPC1593GS

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1317 CLARE-CPC1317 Datasheet
117Kb / 5P
Single-Pole OptoMOS짰 Relay With Bidirectional Transient Protection
logo
IXYS Corporation
CPC2025N IXYS-CPC2025N Datasheet
115Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC2030N IXYS-CPC2030N Datasheet
118Kb / 6P
Dual Single-Pole, Normally Open 8-Pin SOIC OptoMOS짰 Relay
CPC1540 IXYS-CPC1540 Datasheet
118Kb / 6P
Single-Pole, Normally Open OptoMOS Relay with Integrated Current Limit and Thermal Shutdown
PAA190 IXYS-PAA190 Datasheet
122Kb / 7P
Dual Single-Pole, Normally Open OptoMOS짰 Relays
PLA171 IXYS-PLA171 Datasheet
119Kb / 6P
Single-Pole, Normally Open OptoMOS짰 Relay
CPC1510 IXYS-CPC1510 Datasheet
124Kb / 7P
Single-Pole, Normally Open Relay with Integrated Current Limit
CPC1511 IXYS-CPC1511 Datasheet
147Kb / 7P
Single-Pole, Normally Open Relay with Thermal Shutdown & Current Limiting
CPC1563 IXYS-CPC1563 Datasheet
135Kb / 8P
Single-Pole, Normally Open OptoMOS Relay Integrated Current Limit with Voltage and Thermal Protection
CPC1561B IXYS-CPC1561B Datasheet
265Kb / 9P
60V, 1A, Single Pole, Normally Open, Current Limiting Relay with Thermal Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com