Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

116RLL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 116RLL
Description  Aluminum Capacitors Radial Long Life
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

116RLL Datasheet(HTML) 3 Page - Vishay Siliconix

  116RLL Datasheet HTML 1Page - Vishay Siliconix 116RLL Datasheet HTML 2Page - Vishay Siliconix 116RLL Datasheet HTML 3Page - Vishay Siliconix 116RLL Datasheet HTML 4Page - Vishay Siliconix 116RLL Datasheet HTML 5Page - Vishay Siliconix 116RLL Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
116 RLL
www.vishay.com
Vishay BCcomponents
Revision: 26-Apr-13
3
Document Number: 28316
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• Unless otherwise specified, all electrical values in Table 2 apply
at Tamb = 20 °C, P = 86 kPa to 106 kPa, RH = 45 % to 75 %.
ORDERING EXAMPLE
Electrolytic capacitor 116 series
220 μF/16 V; ± 20 %
Nominal case size: Ø 8.2 mm x 11 mm; form TFA
Ordering code: MAL211635221E3
Former 12NC: 2222 116 35221
Table 2
ELECTRICAL DATA
SYMBOL
DESCRIPTION
CR
Rated capacitance at 100 Hz, tolerance ± 20 %
IR
Rated RMS ripple current at 100 kHz, 105 °C
IL1
Max. leakage current after 1 min at UR
tan
Max. dissipation factor at 100 Hz
Z
Max. impedance at 100 kHz and 20 °C
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
IR
100 kHz
105 °C
(mA)
IL1
1 min
(μA)
tan
100 Hz
Z
100 kHz
(
)
ORDERING CODE MAL2116 .....
BULK PACKAGING
TAPED AMMOPACK
LONG LEADS
CUT LEADS
FORM
CA
F
(mm)
FORM
CB
F
(mm)
FORM
TFA
F
(mm)
FORM
TNA
F
(mm)
6.3
150
5 x 11
130
8.7
0.25
1.3
53151E3
2.5
-
-
33151E3
5.0
73151E3
2.5
470
8.2 x 11
300
21
0.25
0.45
53471E3
5.0
63471E3
5.0
33471E3
5.0
-
-
10
100
5 x 11
130
9.0
0.20
1.4
54101E3
2.5
-
-
34101E3
5.0
74101E3
2.5
330
8.2 x 11
280
23
0.20
0.45
54331E3
5.0
64331E3
5.0
34331E3
5.0
-
-
16
68
5 x 11
130
9.5
0.16
1.5
55689E3
2.5
-
-
35689E3
5.0
75689E3
2.5
220
8.2 x 11
280
24
0.16
0.5
55221E3
5.0
65221E3
5.0
35221E3
5.0
-
-
25
47
5 x 11
120
10
0.14
1.6
56479E3
2.5
-
-
36479E3
5.0
76479E3
2.5
150
8.2 x 11
260
26
0.14
0.5
56151E3
5.0
66151E3
5.0
36151E3
5.0
-
-
35
33
5 x 11
110
9.9
0.12
1.7
50339E3
2.5
-
-
30339E3
5.0
70339E3
2.5
100
8.2 x 11
240
24
0.12
0.55
50101E3
5.0
60101E3
5.0
30101E3
5.0
-
-
40
33
5 x 11
110
10.9
0.12
1.7
57339E3
2.5
-
-
37339E3
5.0
77339E3
2.5
100
8.2 x 11
240
27
0.12
0.55
57101E3
5.0
67101E3
5.0
37101E3
5.0
-
-
50
1.5
5 x 11
50
3.5
0.09
4.0
51158E3
2.5
-
5.0
31158E3
5.0
71158E3
2.5
2.2
5 x 11
60
3.7
0.09
3.5
51228E3
2.5
-
5.0
31228E3
5.0
71228E3
2.5
3.3
5 x 11
65
4.0
0.09
3.1
51338E3
2.5
-
5.0
31338E3
5.0
71338E3
2.5
4.7
5 x 11
70
4.4
0.09
2.8
51478E3
2.5
-
5.0
31478E3
5.0
71478E3
2.5
6.8
5 x 11
75
5.0
0.09
2.5
51688E3
2.5
-
5.0
31688E3
5.0
71688E3
2.5
10
5 x 11
80
6.0
0.09
2.2
51109E3
2.5
-
5.0
31109E3
5.0
71109E3
2.5
10
8.2 x 11
160
6.0
0.05
1.0
90084E3
5.0
90085E3
5.0
90036E3
5.0
-
-
15
5 x 11
90
7.5
0.09
2.0
51159E3
2.5
-
5.0
31159E3
5.0
71159E3
2.5
22
5 x 11
110
9.6
0.09
1.9
51229E3
2.5
-
5.0
31229E3
5.0
71229E3
2.5
22
8.2 x 11
190
9.6
0.06
0.9
90025E3
5.0
90086E3
5.0
90039E3
5.0
-
-
33
8.2 x 11
190
13
0.09
0.77
51339E3
5.0
61339E3
5.0
31339E3
5.0
-
-
47
8.2 x 11
210
17
0.09
0.65
51479E3
5.0
61479E3
5.0
31479E3
5.0
-
-
68
8.2 x 11
240
23
0.09
0.55
51689E3
5.0
61689E3
5.0
31689E3
5.0
-
-
63
10
8.2 x 11
160
7.0
0.06
1.3
58109E3
5.0
68109E3
5.0
38109E3
5.0
-
-
22
8.2 x 11
190
11
0.06
0.9
58229E3
5.0
68229E3
5.0
38229E3
5.0
-
-
100
4.7
8.2 x 11
75
5.8
0.07
3.5
59478E3
5.0
69478E3
5.0
39478E3
5.0
-
-
10
8.2 x 11
100
9.0
0.08
3.0
59109E3
5.0
69109E3
5.0
39109E3
5.0
-
-



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com