Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EBC
Description  Aluminum Capacitors Axial Capacitor Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC Datasheet(HTML) 3 Page - Vishay Siliconix

  EBC_13 Datasheet HTML 1Page - Vishay Siliconix EBC_13 Datasheet HTML 2Page - Vishay Siliconix EBC_13 Datasheet HTML 3Page - Vishay Siliconix EBC_13 Datasheet HTML 4Page - Vishay Siliconix EBC_13 Datasheet HTML 5Page - Vishay Siliconix EBC_13 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Not For New Design
EBC
www.vishay.com
Vishay Roederstein
Revision: 22-Jan-13
3
Document Number: 25142
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
100 Hz
MAX.
RESR
100 Hz
(
)
Z
10 kHz
MAX.
(
)
IR
100 Hz
TUC
(A)
CATALOG
NUMBER
MALA...
16
47
6.5 x 18
0.14
4.7
2.6
0.095
EBC00DL247DB0W
100
8 x 18
0.14
2.2
1.2
0.15
EBC00FL310DB0W
220
10 x 18
0.14
1.0
0.55
0.25
EBC00GL322DB0W
470
10 x 25
0.14
0.47
0.26
0.45
EBC00GD347DB0W
25
22
6.5 x 18
0.11
8.0
4.1
0.060
EBC00DL222EB0W
47
8 x 18
0.11
3.7
1.9
0.11
EBC00FL247EB0W
100
10 x 18
0.11
1.8
0.90
0.18
EBC00GL310EB0W
220
10 x 25
0.11
0.80
0.40
0.34
EBC00GD322EB0W
40
10
6.5 x 18
0.10
16
7.5
0.046
EBC00DL210GB0W
22
8 x 18
0.10
7.2
3.4
0.080
EBC00FL222GB0W
47
8 x 18
0.09
3.0
1.6
0.12
EBC00FL247GB0W
100
10 x 18
0.09
1.4
0.75
0.21
EBC00GL310GB0W
63
4.7
6.5 x 18
0.07
24
12
0.038
EBC00DL147JB0W
10
8 x 18
0.07
11
5.5
0.064
EBC00FL210JB0W
22
8 x 18
0.07
5.1
2.5
0.10
EBC00FL222JB0W
47
10 x 18
0.07
2.4
1.2
0.17
EBC00GL247JB0W
100
4.7
6.5 x 18
0.06
20
9.6
0.048
EBC00DL147LB0W
10
8 x 18
0.06
9.5
4.5
0.073
EBC00FL210LB0W
22
10 x 18
0.06
4.3
2.0
0.13
EBC00GL222LB0W
47
10 x 25
0.06
2.0
1.0
0.22
EBC00GD247LB0W
160
2.2
6.5 x 18
0.10
72
55
0.022
EBC00DL122MB0W
4.7
8 x 18
0.10
34
26
0.037
EBC00FL147MB0W
10
10 x 18
0.10
16
12
0.061
EBC00GL210MB0W
22
10 x 25
0.10
7.2
5.5
0.12
EBC00GD222MB0W
250
2.2
8 x 18
0.10
72
50
0.025
EBC00FL122NB0W
4.7
10 x 18
0.10
34
23
0.037
EBC00GL147NB0W
10
10 x 25
0.10
16
11
0.066
EBC00GD210NB0W
ADDITIONAL ELECTRICAL DATA
PARAMETER
CONDITIONS
VALUE
Voltage
Surge voltage
UR  100 V
Us =1.15 x UR
UR  160 V
Us =1.10 x UR
Reverse voltage
-
Urev  1 V
Current
Leakage current
UR  100 VUR, 300 s
UR  160 VUR, 300 s
IL/μA  0.0015 x CR/μF x UR/V + 3
IL/μA  0.0150 x CR/μF x UR/V + 10



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com