Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EBC Datasheet(PDF) 4 Page - Vishay Siliconix

Part # EBC
Description  Aluminum Capacitors Axial Capacitor Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EBC Datasheet(HTML) 4 Page - Vishay Siliconix

  EBC Datasheet HTML 1Page - Vishay Siliconix EBC Datasheet HTML 2Page - Vishay Siliconix EBC Datasheet HTML 3Page - Vishay Siliconix EBC Datasheet HTML 4Page - Vishay Siliconix EBC Datasheet HTML 5Page - Vishay Siliconix EBC Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Not For New Design
EBC
www.vishay.com
Vishay Roederstein
Revision: 22-Jan-13
4
Document Number: 25142
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
LOW TEMPERATURE BEHAVIOUR
Table for the calculation of the maximum 10 kHz impedance at low temperatures:
The lower limit of the series resistance and impedance is determined by the ohmic part of the contact points and the foil
resistance values. Therefore it will not always be possible to achieve calculated values below 0.05
.
LIFETIME TABLE UR  100 V
Note
IR 100 Hz alternating current [A] at upper category temperature TUC taken from datasheet
I
User current [A]
Ta Ambient temperature of capacitor [°C]
L
Lifetime multiplier
Regard L as a function of ambient temperature (x-axis) and of current (y-axis); use the current-axis according to the frequency
Ta
(°C)
RATED VOLTAGE (V)
16
25
40
63
100
160
250
- 25
2250
1500
850
600
450
1000
940
- 40
5400
3600
2040
1440
1080
5000
4600
INTERRELATION BETWEEN ALTERNATING CURRENT, AMBIENT TEMPERATURE, AND LIFETIME
I/IR (frequency dependent)
LIFETIME MULTIPLIER L (depending on I/IR and Ta)
FREQUENCY [Hz]
AMBIENT TEMPERATURE Ta [°C]
50
100
250
500
1000
> 2500
10 K
40
45
50
55
60
65
70
75
80
85
90
95
100
105
0
0
0
0
0
0
0
200
127
81
53
35
23
16
11
7.4
5.1
3.6
2.6
1.84
1.33
0.18
0.20
0.22
0.23
0.24
0.25
0.26
195
123
79
52
34
23
15
10
7.2
5.0
3.5
2.5
1.81
1.31
0.36
0.40
0.44
0.46
0.48
0.50
0.52
179
115
74
48
32
21
14
9.9
6.9
4.8
3.4
2.4
1.73
1.26
0.54
0.60
0.66
0.69
0.72
0.75
0.78
158
102
66
44
29
20
13
9.1
6.3
4.5
3.2
2.3
1.63
1.19
0.72
0.80
0.88
0.92
0.96
1.00
1.04
135
87
57
38
26
17
12
8.3
5.8
4.1
2.9
2.1
1.51
1.10
0.90
1.00
1.10
1.15
1.20
1.25
1.30
112
73
49
33
22
15
10
7.3
5.1
3.6
2.6
1.9
1.37
1.00
1.08
1.20
1.32
1.38
1.44
1.50
1.56
90
60
40
27
19
13
9.0
6.3
4.5
3.2
2.3
1.7
1.21
1.26
1.40
1.54
1.61
1.68
1.75
1.82
70
47
32
22
15
11
7.5
5.3
3.8
2.7
2.0
1.4
1.06
1.44
1.60
1.76
1.84
1.92
2.00
2.08
54
37
25
18
12
8.8
6.2
4.4
3.2
2.3
1.7
1.2
1.62
1.80
1.98
2.07
2.16
2.25
2.34
40
28
20
14
9.9
7.0
5.0
3.6
2.6
1.9
1.4
1.0
1.80
2.00
2.20
2.30
2.40
2.50
2.60
30
21
15
11
7.7
5.6
4.0
2.9
2.2
1.6
1.2
1.98
2.20
2.42
2.53
2.64
2.75
2.86
22
16
11
8.2
6.0
4.3
3.2
2.3
1.7
1.3
2.16
2.40
2.64
2.76
2.88
3.00
3.12
16
11
8.4
6.1
4.5
3.3
2.5
1.8
1.4
1.0
2.34
2.60
2.86
2.99
3.12
3.25
3.38
11
8.3
6.1
4.6
3.4
2.5
1.9
1.4
1.1
2.52
2.80
3.08
3.22
3.36
3.50
3.64
7.9
5.9
4.5
3.4
2.5
1.9
1.5
1.1
2.70
3.00
3.30
3.45
3.60
3.75
3.90
5.5
4.2
3.2
2.5
1.9
1.4
1.1
combination
2.88
3.20
3.52
3.68
3.84
4.00
4.16
3.9
3.0
2.3
1.8
1.4
1.1
not
3.06
3.40
3.74
3.91
4.08
4.25
4.42
2.7
2.1
1.6
1.3
1.0
permitted
3.24
3.60
3.96
4.14
4.32
4.50
4.68
1.8
1.5
1.2
3.42
3.80
4.18
4.37
4.56
4.75
4.94
1.3
1.0
Z 10 kHz
 
 Tabular value
C
R μF

-----------------------------------
=



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com