Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIES110 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # SERIES110
Description  Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

SERIES110 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  SERIES110 Datasheet HTML 1Page - Precid-Dip Durtal SA SERIES110 Datasheet HTML 2Page - Precid-Dip Durtal SA SERIES110 Datasheet HTML 3Page - Precid-Dip Durtal SA SERIES110 Datasheet HTML 4Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIL SOCKETS
SERIES
110
110-PP-064-01-505101
2.54 mm, Solder tail, Staggered DIL
Quad-in-line sockets are suitable for IC's with
staggered double row Dual-in-line type pin patterns.
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Sleeve
Brass CuZn36Pb3 (C36000)
Contact
Clip (4 finger): Beryllium copper (C17200)
Accepted pin Ø
0.40 to 0.56 mm
Insertion Forces
2 N typ.
Withdrawal Forces
1 N typ. (polished steel gauge Ø 0.43 mm)
Mechanical life
Min. 100 cycles
Rated current
1 A
Contact resistance
Max. 10 m
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
87
Tin
Gold flash
83
Tin
Gold 0.75 µm
Note:Suitable for quad-in-line packages with 19.05 / 23.50 mm row spacing according to JEDEC MO-030.Quad-in-
line socket layout requires 19.05 / 24.13 mm row spacing.
ADVANCED INFORMATION:
Order Codes
Poles
A
B
C
D
E
See
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - SERIES110

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
SERIES150 PREDIP-SERIES150 Datasheet
23Kb / 4P
High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
More results

Similar Description - SERIES110

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
14 pin Dual-in-Line
G8 EUROQUARTZ-G8 Datasheet
113Kb / 2P
8 pin Dual-in-Line
logo
Precid-Dip Durtal SA
110-87-306-41-001101 PREDIP-110-87-306-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-308-41-105191 PREDIP-110-87-308-41-105191 Datasheet
95Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-318-41-001101 PREDIP-110-87-318-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-324-41-001101 PREDIP-110-87-324-41-001101 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-632-41-001151 PREDIP-110-87-632-41-001151 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
110-87-640-41-001151 PREDIP-110-87-640-41-001151 Datasheet
90Kb / 2P
DUAL-IN-LINE SOCKETS
114-87-308-41-134191 PREDIP-114-87-308-41-134191 Datasheet
97Kb / 2P
DUAL-IN-LINE SOCKETS
logo
EUROQUARTZ limited
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
14 pin Dual-in-Line
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com