Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIES150 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # SERIES150
Description  High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

SERIES150 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  SERIES150 Datasheet HTML 1Page - Precid-Dip Durtal SA SERIES150 Datasheet HTML 2Page - Precid-Dip Durtal SA SERIES150 Datasheet HTML 3Page - Precid-Dip Durtal SA SERIES150 Datasheet HTML 4Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIL SOCKETS
SERIES
150
150-PP-316-00-012101
1.778 mm, Solder tail
High density DIL sockets for devices featuring 0.07"
(1.778 mm) lead spacing Shrinkdip pin header, solder tail
TECHNICAL SPECS.:
Insulator
Black glass filled polyester PCT-GF30-FR
Flammability
UL 94V-O
Contact
Brass CuZn36Pb3 (C36000)
Connecting pin Ø
0.47 mm
Mechanical life
Min. 100 cycles
Rated current
1 A
Dielectric strength
Min. 1000 V RMS
ORDERING INFORMATION:
PP Plating code
Sleeve
Clip
10
Gold 0.25 µm
Gold 0.25 µm
80
Tin
Tin
ADVANCED INFORMATION:
Order Codes
Poles
A
B
C
D
E
See
150-PP-316-00-012101
16
14.6
7.62
10.10
150-PP-428-00-012101
28
25.2
10.16
12.70
150-PP-430-00-012101
30
27.0
10.16
12.70
150-PP-432-00-012101
32
28.8
10.16
12.70
150-PP-448-00-012101
48
43.1
10.16
12.70
150-PP-620-00-012101
20
18.1
15.24
17.64
150-PP-624-00-012101
24
21.7
15.24
17.64
150-PP-628-00-012101
28
25.2
15.24
17.64
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - SERIES150

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
SERIES110 PREDIP-SERIES110 Datasheet
23Kb / 4P
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
More results

Similar Description - SERIES150

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
117-91-316-41-005 PREDIP-117-91-316-41-005 Datasheet
44Kb / 1P
Shrinkdip sockets Open and closed frame Solder tail
317-91-108-41-005 PREDIP-317-91-108-41-005 Datasheet
25Kb / 1P
PCB connectors 1.778 and 1.8 mm Single row Solder tail
410-93-214-10-001 PREDIP-410-93-214-10-001 Datasheet
58Kb / 1P
Sockets for specific applications Solder tail
510-93-108-12-051-001 PREDIP-510-93-108-12-051-001 Datasheet
33Kb / 1P
Pin grid array sockets Solder tail
917-99-103-41-005 PREDIP-917-99-103-41-005 Datasheet
37Kb / 1P
TO sockets Solder tail
110-83-316-41-001101 PREDIP-110-83-316-41-001101 Datasheet
23Kb / 5P
DIL SOCKETS
110-83-628-41-001101 PREDIP-110-83-628-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
110-87-210-41-001101 PREDIP-110-87-210-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
110-87-304-41-001101 PREDIP-110-87-304-41-001101 Datasheet
23Kb / 5P
DIL SOCKETS
110-87-628-41-001101 PREDIP-110-87-628-41-001101 Datasheet
24Kb / 5P
DIL SOCKETS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com