Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SERIES811 Datasheet(PDF) 1 Page - Precid-Dip Durtal SA

Part # SERIES811
Description  Single Row 2.54 mm, Straight solder tail
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA

SERIES811 Datasheet(HTML) 1 Page - Precid-Dip Durtal SA

  SERIES811 Datasheet HTML 1Page - Precid-Dip Durtal SA SERIES811 Datasheet HTML 2Page - Precid-Dip Durtal SA  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPRING-LOADED CONNECTORS & PAD CONNECTORS
SERIES
811
811-S1-NNN-10-014101
Single Row
2.54 mm, Straight solder tail
Low resistance modular connectors with spring-loaded
contacts (SLC), solder tail. Contacts with improved,
shaped piston design.
TECHNICAL SPECS.:
Flammability
UL 94V-O
Piston and barrel
Brass CuZn36Pb3 (C36000)
Contact clip
Beryllium copper (C17200)
Spring
Music wire DIN 17223, gold plated
Max. stroke
1.4 mm
Forces initial
0.25 N
Forces initial at 1/2 stroke
0.85 N
Mechanical life
50'000 cycles
Max. operating current
3.5 A
Contact resistance
10 m (static measurement, halfway position)
Plating
Barrel: 0.25 µm gold - Piston: 0.5 µm gold
ORDERING INFORMATION:
Initial height A (mm)
Height plastic body B (mm)
XXX code
6
4
014
6.5
4
015
7
4
016
7.5
4
017
NNN number of poles. Replace NNN with the requested number of poles, e.g. 811-S1-NNN-10-014101 for a single
row version with 16 pins becomes 811-S1-016-10-014101.
PRECI-DIP SA
Rue Saint-Henri 11
P.P.Box 834
CH-2800 Delémont / Switzerland
PHONE
+41 (0)32 421 04 00
FAX
+41 (0)32 421 04 01
E-MAIL
sales@precidip.com
www.precidip.com


Similar Part No. - SERIES811

ManufacturerPart #DatasheetDescription
logo
3M Electronics
Series 3M-Series Datasheet
4Mb / 12P
3M™ EMI/EMC Electronic Materials
logo
Dwyer Instruments,
SERIES RM DWYER-SERIES RM Datasheet
595Kb / 2P
RATE-MASTER® POLYCARBONATE FLOWMETERS 2˝, 5˝ or 10˝ Scale, Interchangeable Bodies
logo
Coherent Corp
SERIES-PAZ COHERENT-SERIES-PAZ Datasheet
377Kb / 2P
Polarizer - Analyzer - Attenuator
logo
Precid-Dip Durtal SA
SERIES110 PREDIP-SERIES110 Datasheet
23Kb / 4P
Quad-in-line sockets are suitable for with staggered double row Dual-in-line type pin patterns.
SERIES150 PREDIP-SERIES150 Datasheet
23Kb / 4P
High density DIL sockets for devices featuring (1.778 mm) lead spacing Shrinkdip pin header, solder tail
More results

Similar Description - SERIES811

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
410-91-216-41-001 PREDIP-410-91-216-41-001 Datasheet
55Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
411-91-216-41-001 PREDIP-411-91-216-41-001 Datasheet
32Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
416-93-216-41-006 PREDIP-416-93-216-41-006 Datasheet
56Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
451-10-216-00-001 PREDIP-451-10-216-00-001 Datasheet
59Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
499-93-216-10-009 PREDIP-499-93-216-10-009 Datasheet
39Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-10-001 PREDIP-802-10-016-10-001 Datasheet
45Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
802-10-016-20-001 PREDIP-802-10-016-20-001 Datasheet
45Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-10-802 PREDIP-892-39-024-10-802 Datasheet
57Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
892-39-024-20-902 PREDIP-892-39-024-20-902 Datasheet
40Kb / 1P
PCB connectors 2.54 mm Single row / double row Solder tail
SERIES310 PREDIP-SERIES310 Datasheet
23Kb / 3P
Single row 2.54/5.08 mm, Straight solder tail, Mating pin 횠 0.47 mm
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com