Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

80D Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 80D
Description  Aluminum Capacitors 85 °C, Snap-In
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80D Datasheet(HTML) 2 Page - Vishay Siliconix

  80D Datasheet HTML 1Page - Vishay Siliconix 80D Datasheet HTML 2Page - Vishay Siliconix 80D Datasheet HTML 3Page - Vishay Siliconix 80D Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
80D
www.vishay.com
Vishay Sprague
Revision: 29-Aug-11
2
Document Number: 42060
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING EXAMPLE
Electrolytic capacitor 80D series: 80D122P200ME2DE3
DIMENSIONAL AND AVAILABLE FORMS
DESCRIPTION
CODE
EXPLANATION
80D
Product type
122
Capacitance value (1200 μF)
P
Tolerance (P = - 10 %/+ 30 %)
200
Voltage rating at 85 °C (200 V)
ME
Can size (see dimensions table)
2
PVC insulating sleeve
D
Terminal style (D = 2 pin snap-in)
E3
RoHS compliant
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE (μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
MAX. ESR (m
)
MAX. RIPPLE at + 85 °C (A)
120 Hz 10 kHz to 40 kHz
120 Hz
10 kHz to 40 kHz
16 WVDC at + 85 °C, SURGE = 20 V
8200.0
80D822P016JB2DE3
0.984 x 1.18 (25.0 x 30.0)
73.0
65.0
3.3
3.6
8200.0
80D822P016KA2DE3
1.18 x 0.984 (30.0 x 25.0)
91.0
84.0
2.8
3.0
10 000.0
80D103P016JC2DE3
0.984 x 1.38 (25.0 x 35.0)
59.0
53.0
3.9
4.2
15 000.0
80D153P016JE2DE3
0.984 x 1.97 (25.0 x 50.0)
37.0
33.0
5.6
6.0
22 000.0
80D223P016KE2DE3
1.18 x 1.97 (30.0 x 50.0)
35.0
32.0
5.8
6.1
33 000.0
80D333P016ME2DE3
1.38 x 1.97 (35.0 x 50.0)
19.0
17.0
9.4
10.0
25 WVDC at + 85 °C, SURGE = 30 V
4700.0
80D472P025JB2DE3
0.984 x 1.18 (25.0 x 30.0)
76.0
65.0
3.2
3.6
6800.0
80D682P025KB2DE3
1.18 x 1.18 (30.0 x 30.0)
71.0
63.0
3.4
3.6
10 000.0
80D103P025JE2DE3
0.984 x 1.97 (25.0 x 50.0)
39.0
33.0
5.4
6.0
10 000.0
80D103P025MB2DE3
1.38 x 1.18 (35.0 x 30.0)
38.0
33.0
5.5
6.2
15 000.0
80D153P025KE2DE3
1.18 x 1.97 (30.0 x 50.0)
36.0
32.0
5.7
6.1
22 000.0
80D223P025ME2DE3
1.38 x 1.97 (35.0 x 50.0)
19.0
17.0
9.1
10.0
2 Holes
0.079 [2.0]
Dia.
0.394
[10.0]
0.250
[6.3]
PVC
Sleeve
Insulating
Disc
0.394
[10.0]
STYLE D



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com