Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

36.053 Datasheet(PDF) 11 Page - Altech corporation

Part # 36.053
Description  FIXED PRINTED CIRCUIT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

36.053 Datasheet(HTML) 11 Page - Altech corporation

Back Button 36.053 Datasheet HTML 7Page - Altech corporation 36.053 Datasheet HTML 8Page - Altech corporation 36.053 Datasheet HTML 9Page - Altech corporation 36.053 Datasheet HTML 10Page - Altech corporation 36.053 Datasheet HTML 11Page - Altech corporation 36.053 Datasheet HTML 12Page - Altech corporation 36.053 Datasheet HTML 13Page - Altech corporation 36.053 Datasheet HTML 14Page - Altech corporation 36.053 Datasheet HTML 15Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Altech Corp.® • 35 Royal Road • Flemington NJ 08822-6000 • Phone (908) 806-9400 • Fax (908) 806-9490
122
MINI PLUGGABLE
PRINTED CIRCUIT
US Pin Spacinga
Screw-Cage Clamp
Plug and Headers
For use in industrial plug-in applications where
space is limited.
Horizontal and vertical headers offer different
wire entry options and enhance plug accessibil-
ity . Closed end designs help prevent
misplugging.
• Multipole, Single Mold Design
• Optional Keying Prevents Mispluggingb
• Housing Material: Polyamide 6.6
• Standard Color: Green
Pole Spacing 3.81mm (.150)
Stripping Length 7mm (.276)
Screw Hole Diameter 2.5mm (.098)
Use with STLZ1550 or STLZ1555 Headers
Vertical - Closed End
Pin Spacing 3.81mm (.150)
Use with AKZ1550 Plug
STLZ1555-W
AKZ1550
STLZ1550-W
Horizontal - Closed End
aBlocks with metric pin spacing
begin on page 132.
Ratings
IEC/VDE
Current
Voltage
8A
125V
8A
300V
8A
300V
Length L
Type
Cat. No.
mm (in.) Std. Pk.
AKZ1550/2
36.302
8.41 ( .33)
100
AKZ1550/3
36.303
12.22 ( .48)
100
AKZ1550/4
36.304
16.03 ( .63)
50
AKZ1550/5
36.305
19.84 ( .78)
50
AKZ1550/6
36.306
23.65 ( .93)
50
AKZ1550/7
36.307
27.46 (1.08)
30
AKZ1550/8
36.308
31.27 (1.23)
30
AKZ1550/9
36.309
35.08 (1.38)
30
AKZ1550/10
36.310
38.89 (1.53)
30
AKZ1550/11
36.311
42.70 (1.68)
20
AKZ1550/12
36.312
46.51 (1.83)
20
AKZ1550/13
36.313
50.32 (1.98)
20
AKZ1550/14
36.314
54.13 (2.13)
20
AKZ1550/15
36.315
57.94 (2.28)
20
AKZ1550/16
36.316
61.75 (2.43)
15
Wire Range
Current
Voltage
0.4-1.5mm2
8A
125V
28-16 AWG
8A
300V
28-16 AWG
8A
300V
Ordering Information
No. of
Poles
Plugs, Horizontal Headers
2
US (inch) Spacing
3
4
5
6
7
8
9
10
11
12
13
14
15
16
Vertical Headers
2
US (inch) Spacing
3
4
5
6
7
8
9
10
11
12
13
14
15
16
bFor Keying, please consult Altech
Length L
Type
Cat. No.
mm (in.)
Std. Pk.
STLZ1550/2-w
36.402
9.01 ( .35) 100
STLZ1550/3-w
36.403
12.82 ( .50) 100
STLZ1550/4-w
36.404
16.63 ( .65)
50
STLZ1550/5-w
36.405
20.44 ( .80)
50
STLZ1550/6-w
36.406
24.25 ( .95)
50
STLZ1550/7-w
36.407
28.06 (1.10)
30
STLZ1550/8-w
36.408
31.87 (1.25)
30
STLZ1550/9-w
36.409
35.68 (1.40)
30
STLZ1550/10-w
36.410
39.49 (1.55)
30
STLZ1550/11-w
36.411
43.30 (1.70)
20
STLZ1550/12-w
36.412
47.11 (1.85)
20
STLZ1550/13-w
36.413
50.92 (2.00)
20
STLZ1550/14-w
36.414
54.73 (2.15)
20
STLZ1550/15-w
36.415
58.54 (2.30)
20
STLZ1550/16-w
36.416
62.35 (2.45)
15
STLZ1555/2-w
36.452
9.01 ( .35) 100
STLZ1555/3-w
36.453
12.82 ( .50) 100
STLZ1555/4-w
36.454
16.63 ( .65)
50
STLZ1555/5-w
36.455
20.44 ( .80)
50
STLZ1555/6-w
36.456
24.25 ( .95)
50
STLZ1555/7-w
36.457
28.06 (1.10)
30
STLZ1555/8-w
36.458
31.87 (1.25)
30
STLZ1555/9-w
36.459
35.68 (1.40)
30
STLZ1555/10-w
36.460
39.49 (1.55)
30
STLZ1555/11-w
36.461
43.30 (1.70)
20
STLZ1555/12-w
36.462
47.11 (1.85)
20
STLZ1555/13-w
36.463
50.92 (2.00)
20
STLZ1555/14-w
36.464
54.73 (2.15)
20
STLZ1555/15-w
36.465
58.54 (2.30)
20
STLZ1555/16-w
36.466
62.35 (2.45)
15
Dimensions
mm
in.
mm
in.
0.80
0.031
3.81
0.150
1.20
0.047
6.60
0.260
2.30
0.091
6.90
0.272
2.60
0.102
9.20
0.362
2.90
0.114
11.10
0.437
3.40
0.134
15.50
0.610
3.50
0.138
STLZ 1550-W
1.2mm
9.2mm
L
2.6mm
3.81mm
0.8mm
6.9mm
2.9mm
L
3.81mm
2.6mm
0.8mm
STLZ1555-W
15.5mm
6.6mm
L
2.3mm
3.81mm
PREVIOUS
HOME
NEXT
FIND IT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com