Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPASERIES Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # GPASERIES
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

GPASERIES Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  GPASERIES Datasheet HTML 1Page - Nippon Precision Circuits Inc GPASERIES Datasheet HTML 2Page - Nippon Precision Circuits Inc GPASERIES Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Long life, Downsized, 125℃
Please refer to "Product code guide (radial lead type)"
Sleeve (PET : Brown)
L'
15min.
4min.
Vent
◆DIMENSIONS [mm]
◆PART NUMBERING SYSTEM
φD
φd
F
φD'
L'
12.5
  14.5  16   18
0.6  0.8   0.8
0.8
5.0
7.5
7.5
7.5
φD+0.5max.
L+1.5max.
Gas escape end seal
Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 470µF:471, 1,000µF:102)
Lead forming·taping code
Terminal code
Voltage code (ex. 25V:250, 50V:500)
Series code
Category
E GP A A A A E A A A A A
A A A S
M
8
1
15
16
17
14
18
11
12 13
5
6
7
2
3
4
9
10
Higher temperature
Downsized
Higher ripple current
GPA
LXZ
GXE
●
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
(1/3)
◆SPECIFICATIONS
Items
Characteristics
(at 20℃, 120Hz)
(at 20℃, 1 minute)
(at 20℃, 120Hz)
(at 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. Impedance Ratio)
Endurance
Shelf Life
-40 to +125℃
25 to 100Vdc
±20% (M)
I=0.03CV or 4µA, whichever is greater.
Where, I : Max. leakage current (µA), C : Nominal capacitance (µF), V : Rated voltage (V)
When nominal capacitance exceeds 1,000µF, add 0.02 to the above value for each 1,000µF increase.
The following specifications shall be satisfied when the capacitors are restored to 20℃ after subjected to DC voltage with the rated ripple
current is applied (the peak voltage shall not exceed the rated voltage) for 5,000 hours (3,000 hours for 25L and less) at 125 ℃.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20℃ after exposing them for 1,000 hours at 125℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Rated voltage (Vdc)
tanδ(Max.)
Rated voltage (Vdc)
Z(-25℃)/Z(+20℃)
Z(-40℃)/Z(+20℃)
2
4
2
4
2
4
2
4
2
4
2
4
GPASeries
Upgrude!
CAT. No. E1001M
●
Downsized, low impedance and high-ripple current version of GXE
series
●
Specified ESR after endurance test
●
For high ripple current automotive applications.
(Direct fuel injection and electric power steering etc.)
●
Endurance with ripple current : 3,000 to 5,000 hours at 125℃
●
Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
●
RoHS Compliant
25V
35V
50V
63V
80V
100V
25V
35V
50V
63V
80V
100V
0.14
0.12
0.10
0.10
0.08
0.08
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.


Similar Part No. - GPASERIES

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
GPAS1001 TSC-GPAS1001 Datasheet
205Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Inchange Semiconductor ...
GPAS1001 ISC-GPAS1001 Datasheet
297Kb / 2P
Standard Surface Mount Rectifier Diode
logo
Taiwan Semiconductor Co...
GPAS1002 TSC-GPAS1002 Datasheet
205Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
logo
Inchange Semiconductor ...
GPAS1002 ISC-GPAS1002 Datasheet
298Kb / 2P
Standard Surface Mount Rectifier Diode
logo
Taiwan Semiconductor Co...
GPAS1003 TSC-GPAS1003 Datasheet
205Kb / 2P
10.0 AMPS. Glass Passivated Rectifiers
More results

Similar Description - GPASERIES

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com