Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS6521 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MPS6521
Description  Amplifier Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS6521 Datasheet(HTML) 3 Page - Motorola, Inc

  MPS6521 Datasheet HTML 1Page - Motorola, Inc MPS6521 Datasheet HTML 2Page - Motorola, Inc MPS6521 Datasheet HTML 3Page - Motorola, Inc MPS6521 Datasheet HTML 4Page - Motorola, Inc MPS6521 Datasheet HTML 5Page - Motorola, Inc MPS6521 Datasheet HTML 6Page - Motorola, Inc MPS6521 Datasheet HTML 7Page - Motorola, Inc MPS6521 Datasheet HTML 8Page - Motorola, Inc MPS6521 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
NPN MPS6520 MPS6521 PNP MPS6523
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
NPN
MPS6520, MPS6521
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+ 3.0 V
275
CS < 4.0 pF*
10 k
+ 3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
– 0.5 V
<1.0 ns
10 < t1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
0
– 9.1 V
< 1.0 ns
t1
TYPICAL NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 3. Noise Voltage
f, FREQUENCY (Hz)
5.0
7.0
10
20
3.0
Figure 4. Noise Current
f, FREQUENCY (Hz)
2.0
10
20
50
100
200
500
1 k
2 k
5 k
10 k
100
50
20
10
5.0
2.0
1.0
0.5
0.2
0.1
BANDWIDTH = 1.0 Hz
RS = 0
IC = 1.0 mA
100
µA
30
µA
BANDWIDTH = 1.0 Hz
RS ≈ ∞
10
µA
300
µA
IC = 1.0 mA
300
µA
100
µA
30
µA
10
µA
10
20
50
100
200
500
1 k
2 k
5 k
10 k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com