Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EB000FL322DB0W Datasheet(PDF) 3 Page - Vishay Siliconix

Part # EB000FL322DB0W
Description  Aluminum Capacitors Axial Capacitors Style
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EB000FL322DB0W Datasheet(HTML) 3 Page - Vishay Siliconix

  EB000FL322DB0W Datasheet HTML 1Page - Vishay Siliconix EB000FL322DB0W Datasheet HTML 2Page - Vishay Siliconix EB000FL322DB0W Datasheet HTML 3Page - Vishay Siliconix EB000FL322DB0W Datasheet HTML 4Page - Vishay Siliconix EB000FL322DB0W Datasheet HTML 5Page - Vishay Siliconix EB000FL322DB0W Datasheet HTML 6Page - Vishay Siliconix EB000FL322DB0W Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Obsolete
EL/EB
www.vishay.com
Vishay Roederstein
Revision: 13-Apr-12
3
Document Number: 25113
For technical questions, contact: aluminumcaps1@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL DATA AND ORDERING INFORMATION
UR
(V)
CR
100 Hz
(μF)
NOMINAL
CASE SIZE
Ø D x L
(mm)
tan
100 Hz
MAX.
RESR
100 Hz
(
)
Z
10 kHz
MAX.
(
)
IR
100 Hz
TUC
(A)
CATALOG
NUMBER
MALA...
6.3
10
3.3 x 8
0.30
47.7
20.0
0.011
EL000AN210BB0W
10
3.3 x 11
0.30
47.7
20.0
0.015
EL000AA210BB0W
470
8 x 18
0.25
0.847
0.430
0.33
EB000FL347BB0W
1000
10 x 25
0.25
0.398
0.200
0.56
EB000GD410BB0W
10
22
4.5 x 11
0.20
14.5
7.30
0.045
EL000BA222CB0W
47
4.5 x 11
0.20
6.78
3.40
0.070
EL000BA247CB0W
100
6 x 10
0.20
3.19
1.60
0.11
EB000CK310CB0W
220
6.5 x 18
0.20
1.45
0.730
0.21
EB000DL322CB0W
470
10 x 18
0.20
0.680
0.340
0.41
EB000GL347CB0W
1000
10 x 25
0.20
0.320
0.160
0.56
EB000GD410CB0W
16
4.7
3.3 x 8
0.20
68.0
26.0
0.009
EL000AN147DB0W
4.7
3.3 x 11
0.20
67.8
26.0
0.015
EL000AA147DB0W
10
3.3 x 11
0.20
32.0
12.0
0.016
EL000AA210DB0W
220
8 x 18
0.16
1.16
0.550
0.27
EB000FL322DB0W
470
10 x 18
0.16
0.540
0.280
0.41
EB000GL347DB0W
1000
10 x 25
0.16
0.260
0.130
0.55
EB000GD410DB0W
25
10
4.5 x 11
0.14
22.300
9.000
0.05
EL000BA210EB0W
22
4.5 x 11
0.14
10.200
4.100
0.06
EL000BA222EB0W
100
6.5 x 18
0.14
2.200
0.900
0.16
EB000DL310EB0W
220
10 x 18
0.14
1.000
0.410
0.35
EB000GL322EB0W
470
10 x 25
0.14
0.470
0.190
0.50
EB000GD347EB0W
40
1.0
3.3 x 11
0.16
239
75.0
0.008
EL000AA110GB0W
2.2
3.3 x 8
0.16
120
32.0
0.007
EL000AN122Gb0W
2.2
3.3 x 11
0.16
109
32.0
0.012
EL000AA122GB0W
4.7
3.3 x 11
0.16
54.000
15.000
0.013
EL000AA147GB0W
10
4.5 x 11
0.11
17.600
7.000
0.05
EL000BA210GB0W
100
8 x 18
0.11
1.750
0.700
0.22
EB000FL310GB0W
220
10 x 18
0.12
0.870
0.340
0.36
EB000GL322GB0W
50
100
10 x 18
0.10
1.60
0.650
0.25
EB000GL310HB0W
63
0.47
3.3 x 8
0.10
340
120
0.004
EL000AN047JB0W
0.47
3.3 x 11
0.10
339
117
0.008
EL000AA047JB0W
1.0
3.3 x 8
0.12
190.000
55.000
0.006
EL000AN110JB0W
1.0
4.5 x 11
0.09
143.000
55.000
0.013
EL000BA110JB0W
2.2
3.3 x 11
0.14
87.000
25.000
0.011
EL000AA122JB0W
2.2
4.5 x 11
0.09
66.000
25.000
0.025
EL000BA122JB0W
4.7
4.5 x 11
0.09
31.000
12.000
0.040
EL000BA147JB0W
100
10 x 25
0.08
1.270
0.550
0.30
EB000GD310JB0W
100
0.47
4.5 x 11
0.08
271
96.0
0.009
EL000BA047LB0W
1.0
4.5 x 11
0.08
128
45.0
0.020
EL000BA110LB0W
2.2
4.5 x 11
0.08
57.9
21.0
0.030
EL000BA122LB0W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com