Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

100PS Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 100PS
Description  Aluminum Capacitors 85 °C, Miniature, Axial Lead
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

100PS Datasheet(HTML) 4 Page - Vishay Siliconix

  100PS Datasheet HTML 1Page - Vishay Siliconix 100PS Datasheet HTML 2Page - Vishay Siliconix 100PS Datasheet HTML 3Page - Vishay Siliconix 100PS Datasheet HTML 4Page - Vishay Siliconix 100PS Datasheet HTML 5Page - Vishay Siliconix 100PS Datasheet HTML 6Page - Vishay Siliconix 100PS Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
516D
www.vishay.com
Vishay Sprague
Revision: 12-Apr-12
4
Document Number: 42046
For technical questions, contact: aluminumcaps4@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
25 WVDC AT + 85 °C, SURGE = 32 V
2200
516D228M025QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.14
1480
3300
516D338M025QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.14
1710
4700
516D478M025RT6AE3
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
0.14
2170
35 WVDC AT + 85 °C, SURGE = 44 V
10
516D106M035JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.12
45
22
516D226M035JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.12
70
33
516D336M035LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.12
90
47
516D476M035LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.12
120
100
516D107M035MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.12
210
220
516D227M035MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.12
340
330
516D337M035NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.12
460
470
516D477M035NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.12
610
1000
516D108M035PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.12
1060
2200
516D228M035QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.12
1580
3300
516D338M035QT6AE3
0.630 x 1.633 [16.0 x 41.5]
0.031 [0.8]
0.12
2050
50 WVDC AT + 85 °C, SURGE = 63 V
0.47
516D474M050JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.1
5
1.0
516D105M050JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.1
10
2.2
516D225M050JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.1
23
3.3
516D335M050JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.1
28
4.7
516D475M050JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.1
34
10
516D106M050JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.1
50
22
516D226M050LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.1
85
33
516D336M050LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.1
110
47
516D476M050LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.1
130
100
516D107M050MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.1
220
220
516D227M050NP6AE3
0.394 x 0.827 [10.0 x 21.0]
0.024 [0.6]
0.1
410
330
516D337M050NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.1
560
470
516D477M050PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.8]
0.1
730
1000
516D108M050QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.1
1260
2200
516D228M050RT6AE3
0.709 x 1.614 [18.0 x 41.0]
0.031 [0.8]
0.1
1920
63 WVDC AT + 85 °C, SURGE = 79 V
3.3
516D335M063JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
31
4.7
516D475M063JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
37
10
516D106M063JL6AE3
0.197 x 0.472 [5.0 x 12.0]
0.024 [0.6]
0.08
55
22
516D226M063LL6AE3
0.248 x 0.472 [6.3 x 12.0]
0.024 [0.6]
0.08
90
33
516D336M063LM6AE3
0.248 x 0.630 [6.3 x 16.0]
0.024 [0.6]
0.08
120
47
516D476M063MM6AE3
0.315 x 0.630 [8.0 x 16.0]
0.024 [0.6]
0.08
160
100
516D107M063MN6AE3
0.315 x 0.787 [8.0 x 20.0]
0.024 [0.6]
0.08
260
220
516D227M063NR6AE3
0.394 x 1.024 [10.0 x 26.0]
0.024 [0.6]
0.08
480
330
516D337M063PR6AE3
0.512 x 1.024 [13.0 x 26.0]
0.024 [0.6]
0.08
650
470
516D477M063PS6AE3
0.512 x 1.240 [13.0 x 31.5]
0.024 [0.6]
0.08
840
1000
516D108M063QS6AE3
0.630 x 1.240 [16.0 x 31.5]
0.031 [0.8]
0.08
1330
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(μF)
PART NUMBER
NOMINAL CASE SIZE
D x L
LEAD
DIAMETER
MAX. DF
AT + 20 °C
120 Hz
MAX. RIPPLE
AT + 85 °C/120 Hz
(mARMS)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com