Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

472MM40S Datasheet(PDF) 3 Page - Nippon Precision Circuits Inc

Part # 472MM40S
Description  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

472MM40S Datasheet(HTML) 3 Page - Nippon Precision Circuits Inc

  472MM40S Datasheet HTML 1Page - Nippon Precision Circuits Inc 472MM40S Datasheet HTML 2Page - Nippon Precision Circuits Inc 472MM40S Datasheet HTML 3Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
Long Life, Downsized, 125
℃
(3/3)
CAT. No. E1001M
◆RATED RIPPLE CURRENT MULTIPLIERS
●
Frequency Multipliers
120
0.60
0.75
0.85
1k
0.87
0.90
0.95
10k
0.95
0.95
0.98
100k
0.50
0.85
0.94
1.00
1.00
1.00
1.00
Capacitance(
µF)
Frequency(Hz)
270 to 560
0.40
0.82
0.93
1.00
200
620 to 1,800
2,200 to 3,900
4,700 to 6,800
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
◆STANDARD RATINGS
WV
(Vdc)
Cap
(μF)
Case size
φD×L(mm)
ESR (Initial)
(
Ωmax/100kHz)
-40
℃
-40
℃
ESR (End of Life)
(
Ωmax/100kHz)
Rated ripple current
(mArms/125
℃,100kHz)
Part No.
63
80
100
20
℃
20
℃
□□
: Enter the appropriate lead forming or taping code.
470
680
680
820
1,000
1,000
1,200
1,200
1,500
1,800
330
470
470
560
560
680
680
820
820
1,200
200
270
300
360
390
470
510
560
620
750
0.58
0.48
0.49
0.41
0.33
0.34
0.26
0.26
0.21
0.18
0.58
0.48
0.49
0.41
0.34
0.33
0.26
0.26
0.21
0.18
0.88
0.73
0.72
0.62
0.50
0.50
0.39
0.39
0.32
0.27
0.085
0.061
0.070
0.053
0.044
0.049
0.036
0.041
0.035
0.030
0.085
0.061
0.070
0.053
0.049
0.044
0.041
0.036
0.035
0.030
0.11
0.091
0.079
0.068
0.064
0.056
0.054
0.046
0.044
0.039
0.19
0.14
0.19
0.090
0.070
0.14
0.060
0.090
0.070
0.060
0.19
0.14
0.19
0.090
0.14
0.070
0.090
0.060
0.070
0.060
0.25
0.22
0.18
0.13
0.15
0.090
0.13
0.080
0.090
0.080
3.0
2.0
3.0
1.3
0.90
2.0
0.80
1.3
0.90
0.80
3.0
2.0
3.0
1.3
2.0
0.90
1.3
0.80
0.90
0.80
3.9
3.9
2.7
1.9
2.7
1.3
1.9
1.1
1.3
1.1
1,790
2,030
1,910
2,330
2,580
2,280
2,900
2,580
2,890
3,210
1,790
2,030
1,910
2,330
2,280
2,580
2,580
2,900
2,890
3,210
1,580
1,690
1,990
2,250
2,110
2,500
2,410
2,700
2,690
2,880
EGPA630E□□471ML20S
EGPA630E
□□681ML25S
EGPA630E
□□681MM20S
EGPA630E
□□821ML30S
EGPA630E
□□102ML35S
EGPA630E
□□102MM25S
EGPA630E
□□122ML40S
EGPA630E
□□122MM30S
EGPA630E
□□152MM35S
EGPA630E
□□182MM40S
EGPA800E
□□331ML20S
EGPA800E
□□471ML25S
EGPA800E
□□471MM20S
EGPA800E
□□561ML30S
EGPA800E
□□561MM25S
EGPA800E
□□681ML35S
EGPA800E
□□681MM30S
EGPA800E
□□821ML40S
EGPA800E
□□821MM35S
EGPA800E
□□122MM40S
EGPA101E
□□201ML20S
EGPA101E
□□271MM20S
EGPA101E
□□301ML25S
EGPA101E
□□361ML30S
EGPA101E
□□391MM25S
EGPA101E
□□471ML35S
EGPA101E
□□511MM30S
EGPA101E
□□561ML40S
EGPA101E
□□621MM35S
EGPA101E
□□751MM40S
16
×20
16
×25
18
×20
16
×30
16
×35
18
×25
16
×40
18
×30
18
×35
18
×40
16
×20
16
×25
18
×20
16
×30
18
×25
16
×35
18
×30
16
×40
18
×35
18
×40
16
×20
18
×20
16
×25
16
×30
18
×25
16
×35
18
×30
16
×40
18
×35
18
×40
GPASeries
Upgrude!
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com