Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MT9P031 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # MT9P031
Description  1/2.5-Inch 5Mp CMOS Digital Image Sensor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MT9P031 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button MT9P031 Datasheet HTML 17Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 18Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 19Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 20Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 21Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 22Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 23Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 24Page - List of Unclassifed Manufacturers MT9P031 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
PDF: 09005aef81a4a477/Source: 09005aef81a4a495
MT9P031_DS - Rev. F 5/11 EN
21
©2005 Aptina Imaging Corporation. All rights reserved.
MT9P031: 1/2.5-Inch 5Mp Digital Image Sensor
Features
Features
Reset
The MT9P031 may be reset by using RESET_BAR (active LOW) or the reset register.
Hard Reset
Assert (LOW) RESET_BAR, it is not necessary to clock the device. All registers return to
the factory defaults. When the pin is negated (HIGH), the chip resumes normal opera-
tion.
Soft Reset
Set the Reset register field to “1” (R0x0D[0] = 1). All registers except the following will be
reset:
•Chip_Enable
• Synchronize_Changes
•Reset
• Use_PLL
•Power_PLL
• PLL_m_Factor
• PLL_n_Divider
•PLL_p1_Divider
When the field is returned to “0,” the chip resumes normal operation.
Power Up and Power Down
When first powering on the MT9P031, follow this sequence:
1. Ensure RESET_BAR is asserted (LOW).
2. Bring up the supplies. If both the analog and the digital supplies cannot be brought
up simultaneously, ensure the digital supply comes up first.
3. Negate RESET_BAR (HIGH) to bring up the sensor.
When powering down, be sure to follow this sequence to ensure that I/Os do not load
any buses that they are connected to.
1. Assert RESET_BAR.
2. Remove the supplies.
Clocks
The MT9P031 requires one clock (EXTCLK), which is nominally 96 MHz. By default, this
results in pixels being output on the DOUT pins at a maximum data rate of 96 Mp/s. With
VDD_IO = 1.8V, maximum master clock and maximum data rate become 48 MHz and
48 Mp/s, respectively. The EXTCLK clock can be divided down internally by setting
Divide_Pixel_Clock to a non-zero value. This slows down the operation of the chip as
though EXTCLK had been divided externally.
fEXTCLK
if Divide_Pixel_Clock = 0
fPIXCLK= {
fEXTCLK / (2 × Divide_Pixel_Clock)
otherwise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com