Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBGA256 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LBGA256
Description  32-bit ARM Cortex-M4/M0 MCU; up to 264 kB SRAM; Ethernet; two High-speed USBs; advanced configurable peripherals
PDF  153 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LBGA256 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LBGA256 Datasheet HTML 9Page - NXP Semiconductors LBGA256 Datasheet HTML 10Page - NXP Semiconductors LBGA256 Datasheet HTML 11Page - NXP Semiconductors LBGA256 Datasheet HTML 12Page - NXP Semiconductors LBGA256 Datasheet HTML 13Page - NXP Semiconductors LBGA256 Datasheet HTML 14Page - NXP Semiconductors LBGA256 Datasheet HTML 15Page - NXP Semiconductors LBGA256 Datasheet HTML 16Page - NXP Semiconductors LBGA256 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 153 page
background image
LPC4350_30_20_10
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 26 March 2013
13 of 153
NXP Semiconductors
LPC4350/30/20/10
32-bit ARM Cortex-M4/M0 microcontroller
P1_12
R9
P7
K7
78
56
[2]
N;
PU
I/O
GPIO1[5] — General purpose digital input/output pin.
I
U1_DCD — Data Carrier Detect input for UART1.
-
R — Function reserved.
I/O
EMC_D5 — External memory data line 5.
I
T0_CAP1 — Capture input 1 of timer 0.
-
R — Function reserved.
I/O
SGPIO8 — General purpose digital input/output pin.
I/O
SD_DAT3 — SD/MMC data bus line 3.
P1_13
R10
L8
H8
83
60
[2]
N;
PU
I/O
GPIO1[6] — General purpose digital input/output pin.
O
U1_TXD — Transmitter output for UART1.
-
R — Function reserved.
I/O
EMC_D6 — External memory data line 6.
I
T0_CAP0 — Capture input 0 of timer 0.
-
R — Function reserved.
I/O
SGPIO9 — General purpose digital input/output pin.
I
SD_CD — SD/MMC card detect input.
P1_14
R11
K7
J8
85
61
[2]
N;
PU
I/O
GPIO1[7] — General purpose digital input/output pin.
I
U1_RXD — Receiver input for UART1.
-
R — Function reserved.
I/O
EMC_D7 — External memory data line 7.
O
T0_MAT2 — Match output 2 of timer 0.
-
R — Function reserved.
I/O
SGPIO10 — General purpose digital input/output pin.
-
R — Function reserved.
P1_15
T12
P11
K8
87
62
[2]
N;
PU
I/O
GPIO0[2] — General purpose digital input/output pin.
O
U2_TXD — Transmitter output for USART2.
I/O
SGPIO2 — General purpose digital input/output pin.
I
ENET_RXD0 — Ethernet receive data 0 (RMII/MII
interface).
O
T0_MAT1 — Match output 1 of timer 0.
-
R — Function reserved.
-
R — Function reserved.
-
R — Function reserved.
Table 3.
Pin description …continued
LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2.
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com