Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

682ML25S Datasheet(PDF) 2 Page - Nippon Precision Circuits Inc

Part # 682ML25S
Description  Engineering Bulletin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

682ML25S Datasheet(HTML) 2 Page - Nippon Precision Circuits Inc

  682ML25S Datasheet HTML 1Page - Nippon Precision Circuits Inc 682ML25S Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NIPPON CHEMI-CON CORPORATION
1556
Engineering Bulletin
Miniature Aluminum Electrolytic Capacitors
Low impedance, 105
℃
No.804G / Mar.2012
Tentative
2
Specifications in this bulletin are subject to change without notice.
◆STANDARD RATINGS
◆RATED RIPPLE CURRENT MULTIPLIERS
120
0.50
0.60
0.75
1k
0.85
0.87
0.90
10k
0.94
0.95
0.95
100k
1.00
1.00
1.00
Capacitance (
µF)
Frequency (Hz)
330 to 470
680 to 1,800
2,200 to 3,900
●
Frequency Multipliers
□□
: Enter the appropriate lead forming or taping code.
0.85
0.95
0.98
1.00
4,700 to 12,000
The endurance of capacitors is reduced with internal heating produced by ripple current at the rate of halving the lifetime with every 5
℃ rise.
When long life performance is required in actual use, the rms ripple current has to be reduced.
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
Impedance
(
Ωmax/
20
℃,
Rated ripple
current
(mArms/
105
℃,100kHz)
Part No.
6.3
10
16
1,500
1,800
2,700
3,300
4,700
6,800
6,800
8,200
10,000
12,000
1,000
1,500
2,200
2,700
3,300
4,700
4,700
6,800
6,800
8,200
820
1,000
1,500
1,800
2,200
0.063
0.049
0.035
0.033
0.029
0.022
0.026
0.025
0.019
0.018
0.063
0.049
0.035
0.033
0.029
0.022
0.026
0.019
0.025
0.018
0.063
0.049
0.035
0.033
0.029
10×12.5
10×16
10×20
10×25
12.5×20
12.5×25
16×20
18×20
16×25
18×25
10×12.5
10×16
10×20
10×25
12.5×20
12.5×25
16×20
16×25
18×20
18×25
10×12.5
10×16
10×20
10×25
12.5×20
960
1,240
1,550
1,740
1,890
2,350
2,330
2,640
2,760
2,850
960
1,240
1,550
1,740
1,890
2,350
2,330
2,760
2,640
2,850
960
1,240
1,550
1,740
1,890
ELZA6R3E
□□152MJC5S
ELZA6R3E
□□182MJ16S
ELZA6R3E
□□272MJ20S
ELZA6R3E
□□332MJ25S
ELZA6R3E
□□472MK20S
ELZA6R3E
□□682MK25S
ELZA6R3E
□□682ML20S
ELZA6R3E
□□822MM20S
ELZA6R3E
□□103ML25S
ELZA6R3E
□□123MM25S
ELZA100E
□□102MJC5S
ELZA100E
□□152MJ16S
ELZA100E
□□222MJ20S
ELZA100E
□□272MJ25S
ELZA100E
□□332MK20S
ELZA100E
□□472MK25S
ELZA100E
□□472ML20S
ELZA100E
□□682ML25S
ELZA100E
□□682MM20S
ELZA100E
□□822MM25S
ELZA160E
□□821MJC5S
ELZA160E
□□102MJ16S
ELZA160E
□□152MJ20S
ELZA160E
□□182MJ25S
ELZA160E
□□222MK20S
WV
(Vdc)
Cap
(
µF)
Case size
φD×L(mm)
Impedance
(
Ωmax/
Rated ripple
current
(mArms/
105
℃,100kHz)
Part No.
16
25
35
3,300
3,900
5,600
5,600
8,200
470
680
1,000
1,200
1,500
2,200
2,700
3,300
3,900
4,700
330
470
680
820
1,000
1,500
1,800
2,200
2,700
3,300
0.022
0.026
0.019
0.025
0.018
0.063
0.049
0.035
0.033
0.029
0.022
0.026
0.025
0.019
0.018
0.063
0.049
0.035
0.033
0.029
0.022
0.026
0.025
0.019
0.018
12.5×25
16×20
16×25
18×20
18×25
10×12.5
10×16
10×20
10×25
12.5×20
12.5×25
16×20
18×20
16×25
18×25
10×12.5
10×16
10×20
10×25
12.5×20
12.5×25
16×20
18×20
16×25
18×25
2,350
2,330
2,760
2,640
2,850
960
1,240
1,550
1,740
1,890
2,350
2,330
2,640
2,760
2,850
960
1,240
1,550
1,740
1,890
2,350
2,330
2,640
2,760
2,850
ELZA160E
□□332MK25S
ELZA160E
□□392ML20S
ELZA160E
□□562ML25S
ELZA160E
□□562MM20S
ELZA160E
□□822MM25S
ELZA250E
□□471MJC5S
ELZA250E
□□681MJ16S
ELZA250E
□□102MJ20S
ELZA250E
□□122MJ25S
ELZA250E
□□152MK20S
ELZA250E
□□222MK25S
ELZA250E
□□272ML20S
ELZA250E
□□332MM20S
ELZA250E
□□392ML25S
ELZA250E
□□472MM25S
ELZA350E
□□331MJC5S
ELZA350E
□□471MJ16S
ELZA350E
□□681MJ20S
ELZA350E
□□821MJ25S
ELZA350E
□□102MK20S
ELZA350E
□□152MK25S
ELZA350E
□□182ML20S
ELZA350E
□□222MM20S
ELZA350E
□□272ML25S
ELZA350E
□□332MM25S
100kHz)
20
℃,
100kHz)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com