Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

122MJ25S Datasheet(PDF) 1 Page - Nippon Precision Circuits Inc

Part # 122MJ25S
Description  Engineering Bulletin
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

122MJ25S Datasheet(HTML) 1 Page - Nippon Precision Circuits Inc

  122MJ25S Datasheet HTML 1Page - Nippon Precision Circuits Inc 122MJ25S Datasheet HTML 2Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NIPPON CHEMI-CON CORPORATION
1556
Engineering Bulletin
Miniature Aluminum Electrolytic Capacitors
Low impedance, 105
℃
No.804G / Mar.2012
Tentative
1
Specifications in this bulletin are subject to change without notice.
●
Adoption of innovative electrolyte and new technologies
●
Very low impedance at high frequency
●
Endurance with ripple current: 4,000 to 7,000 hours at 105
℃
●
Solvent resistant type
●
RoHS Compliant
◆SPECIFICATIONS
(at 20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(at 20
℃, 120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tan
δ)
Endurance
Shelf Life
Items
6.3 to 35Vdc
±20% (M)
I=0.01CV or 3
µA, whichever is greater.
Where, I : Max. leakage current (
µA), C : Nominal capacitance (µF), V : Rated voltage (V)
Rated voltage (Vdc)
tan
δ(Max.)
When nominal capacitance exceeds 1,000
µF, add 0.02 to the value above for each 1,000µF increase.
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after subjected to DC voltage with the rated
ripple current is applied (the peak voltage shall not exceed the rated voltage) for the specified period of time at 105
℃.
Rated voltage
6.3 to 10Vdc(φ10)
Time
φ
10 : 4,000hours  φ12.5 : 5,000hours  φ16 to 18 : 7,000hours
Capacitance change
≦±30% of the initial value
D.F.(tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 105℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Rated voltage
6.3 to 10Vdc(φ10)
Capacitance change
≦±30% of the initial value
D.F.(tan
δ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
6.3 to 10Vdc(φ12.5 to18)
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
6.3 to 10Vdc(φ12.5 to18)
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
16 to 35Vdc
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
16 to 35Vdc
≦±20% of the initial value
≦200% of the initial specified value
≦The initial specified value
Characteristics
6.3V
0.22
10V
0.19
16V
0.16
25V
0.14
35V
0.12
◆
◆
DIMENSIONS [mm]
PART NUMBERING SYSTEM
φD
φd
F
φD'
L'
12.5
0.6
5.0
10
0.6
5.0
φD+0.5max.
L+1.5max.
18
0.8
7.5
16
0.8
7.5
L'
15min.
4min.
Vent
Sleeve (PET : Dark blue)
(
φ10)
(
φ12.5 to φ18)
Gas escape end seal
●
Terminal Code : E
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 680
µF:681, 2,200µF:222)
Lead forming·taping code
Terminal code
Voltage code (ex. 6.3V:6R3, 25V:250)
Series code
Category
E L Z A A A A E A A A A A
A A A S
M
13
4
2
6
789
10
3
1
2
1
5
8
1
7
1
6
1
1
115
14
-
55 to +105
℃
Low Temperature
Characteristics
(Max. Impedance Ratio)
Rated voltage (Vdc)
Z(-55
℃)/Z(+20℃)
6.3V
4
10V
3
16V
3
25V
3
35V
3
(at 120Hz)


Similar Part No. - 122MJ25S

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
122MK20S NPC-122MK20S Datasheet
90Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
122MK30S NPC-122MK30S Datasheet
90Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
122MK40S NPC-122MK40S Datasheet
90Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
122ML20S NPC-122ML20S Datasheet
90Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
122ML30S NPC-122ML30S Datasheet
90Kb / 3P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - 122MJ25S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
EB346 MOTOROLA-EB346 Datasheet
246Kb / 6P
Semiconductor Products Sector Engineering Bulletin
EB622 MOTOROLA-EB622 Datasheet
132Kb / 4P
Engineering Bulletin
logo
Allen-Bradley
194E-A125-1753 ALLEN-BRADLEY-194E-A125-1753 Datasheet
196Kb / 12P
Bulletin 194E
194E-A25-1753 ALLEN-BRADLEY-194E-A25-1753 Datasheet
364Kb / 23P
Bulletin 194E
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
Product Bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
product bulletin
logo
United Chemi-Con, Inc.
ELLA6R3E CHEMI-CON-ELLA6R3E Datasheet
54Kb / 2P
Engineering Bulletin
APSE4R0ELL561 CHEMI-CON-APSE4R0ELL561 Datasheet
47Kb / 2P
Engineering Bulletin
APSE6R3ELL471 CHEMI-CON-APSE6R3ELL471 Datasheet
47Kb / 2P
Engineering Bulletin
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com