Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RAM-0505S
Description  25째C, nominal input voltage and rated output current unless otherwise specified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAM-0505S Datasheet(HTML) 2 Page - Recom International Power

  RAM-0505S Datasheet HTML 1Page - Recom International Power RAM-0505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.recom-international.com
REV:0/2013
RAM Series
ECONOLINE
DC/DC-Converter
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1205
2405
0505
Deviation / Load
-10
40%
0%
100%
60%
80%
20%
-5
Total Output current (%)
0505
0
5
10
15
20
25
1205
2405
RAM-xx05S
Typical Characteristics
+10%
+5%
V Nom.
+5%
– 1%
10%
50%
100%
Output Load Current (%)
– 5%
Typical Load Line
Tolerance Envelope
Package Style and Pinning
3rd angle
projection
8.70
10.65
RECOM
RAM-xx05S
Pb
9.00
0.50 pin width
28 27
17 16 15
1 2
12 13 14
4.05 max.
1.27x13
18.00
6.70
1.27
Pin Connections
Pin #
Function
1
+Vin
2
-Vin
12
-Vout
13
+Vout
14~17
NC
27,28
NC
NC = No Connection
Unit:
mm
Tolerance:
± 0.25 mm
+
Output
C1
Input
470pF/6kVDC
GND
DC
DC
GND
EMC Filtering - Suggestion for EN55022 Class B
Input
Inductance/
Voltage
Capacitance (C1)
5V
10µF
12V
4.7µF
24V
22µF
E-61



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com