Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAM-2405S Datasheet(PDF) 1 Page - Recom International Power

Part # RAM-2405S
Description  25째C, nominal input voltage and rated output current unless otherwise specified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAM-2405S Datasheet(HTML) 1 Page - Recom International Power

  RAM-2405S Datasheet HTML 1Page - Recom International Power RAM-2405S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Voltage Range
±10%
Output Voltage Accuracy
-1% typ., ±5% max.
Line Voltage Regulation
(low line to high line at max. load)
1.2% typ., 1.5% max.
Load Voltage Regulation
(10% to 100% full load)
10% typ., 15% max.
Output Ripple and Noise (20MHz BW limited)
50mVp-p typ., 100mVp-p max.
Operating Frequency (Vin=nominal input)
20kHz min. / 50kHz typ. / 90kHz max.
Efficiency
see Selection Guide
Minimum Load = 0%
Specifications valid for 10% minimum load only
Isolation Voltage
(tested for 1 minute)
3000 VDC
(tested for 1 second)
3750 VDC
Isolation Voltage
H-Suffix
(tested for 1 minute)
4000 VDC
H-Suffix
(tested for 1 second)
5000 VDC
Isolation Capacitance
4pF typ., 10pF max.
Isolation Resistance
(Viso=500V)
15G
Ω min.
Short-Circuit Protection
continuous
Operating Temperature Range
-40°C to +100°C
Storage Temperature
-55°C to +125°C
Reflow Temperature
RoHS compliant
245°C (30 sec.), Peak 255°C (5sec.) max.
Vapour Phase Process
(for more details see Application Notes)
230°C (90 sec.) max.
Relative Humidity
95% RH
Package Weight
1.3g
Packing Quantity
All Types
27 pcs per Tube
All Types
500 pcs per Reel
MTBF (+25°C)
using MIL-HDBK 217F
4780 x 10³ hours
MTBF (+85°C)
using MIL-HDBK 217F
1310 x 10³ hours
Certifications
EN Medical Safety
Report: MDD1112018 + RM1112018
IEC/EN 60601-1 3rd Edition
Medical Report + ISO14971 Risk Assessment
EN General Safety
EN60950-1, 2nd Edition
Notes
Note 1: Maximum capacitive load is defined as the capacitive load tha will allow start up in under
1 second without damage to the converter.
}DetailedInformationsee
Application Notes chapter "MTBF"
Derating-Graph
(Ambient Temperature)
www.recom-electronic.com
REV: 0/2013
Selection Guide
Part
Isolation
Input
Output
Output
Capacitive
Number
Voltage
Voltage
Voltage
Current
Efficiency
Load
SMD
(kV)
(VDC)
(VDC)
(mA)
(typ.)
(max.)
RAM-0505S*
3
5
5
200
78%
1000µF
RAM-1205S*
3
12
5
200
80%
1000µF
RAM-2405S*
3
24
5
200
80%
1000µF
* add Suffix “/H“ for Isolation 4kVDC/1min. e.g. RAM-0505S/H
* add Suffix “-R“ for tape&reel packing e.g. RAM-1205S-R or RAM-2405S/H-R
Specifications (measured at TA = 25°C, nominal input voltage and rated output current unless otherwise specified
1 Watt SMD
Single Output
● 1:1 Input Range
● Efficiency up to 80%
● 3kVDC and 4kVDC Isolation Option
● Approved for Medical Applications
● -40°C to +100°C Operating Temperature Range
● Continuous Short Circuit Protection
Features
Unregulated
Converters
EN-60601-1 Certified
EN-60950-1 Certified
RAM
ECONOLINE
DC/DC-Converter
Refer to Application Notes
100
60
20
40
100
50
0
-40
150
Operating Temperature °C
0
80
Safe Operating Area
E-60
RoHS
2011/65/EU
6/6


Similar Part No. - RAM-2405S

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RAM-2 MINI-RAM-2 Datasheet
199Kb / 4P
Monolithic Amplifier DC-2 GHz
logo
SUN HOLD ELECTRIC INC
RAM-2A-10 SUNHOLD-RAM-2A-10 Datasheet
808Kb / 2P
RAM SERIES
RAM-2A-12 SUNHOLD-RAM-2A-12 Datasheet
808Kb / 2P
RAM SERIES
RAM-2A-24 SUNHOLD-RAM-2A-24 Datasheet
808Kb / 2P
RAM SERIES
RAM-2A-6 SUNHOLD-RAM-2A-6 Datasheet
808Kb / 2P
RAM SERIES
More results

Similar Description - RAM-2405S

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RAZ-0505S RECOM-RAZ-0505S Datasheet
107Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
RTM-0505S RECOM-RTM-0505S Datasheet
103Kb / 2P
25째C, nominal input voltage and rated output current unless otherwise specified
logo
PIC GmbH
PFC-2416-3 PIC-PFC-2416-3 Datasheet
42Kb / 1P
Nominal values unless otherwise specified
PFC-2416-4 PIC-PFC-2416-4 Datasheet
47Kb / 1P
Nominal values unless otherwise specified
logo
Pasternack Enterprises,...
PE33660LF PASTERNACK-PE33660LF Datasheet
287Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33749 PASTERNACK-PE33749 Datasheet
115Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33753 PASTERNACK-PE33753 Datasheet
94Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33867 PASTERNACK-PE33867 Datasheet
168Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33896LF PASTERNACK-PE33896LF Datasheet
231Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
PE33928LF PASTERNACK-PE33928LF Datasheet
275Kb / 1P
UNLESS OTHERWISE SPECIFIED ALL DIMENSIONS ARE NOMINAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com