Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RAZ-0505S Datasheet(PDF) 2 Page - Recom International Power

Part # RAZ-0505S
Description  25째C, nominal input voltage and rated output current unless otherwise specified
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RAZ-0505S Datasheet(HTML) 2 Page - Recom International Power

  RAZ-0505S Datasheet HTML 1Page - Recom International Power RAZ-0505S Datasheet HTML 2Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
8.70
10.65
RECOM
RAZ-XX05S
Pb
9.00
0.50 pin width
28 27
17 16 15
1 2
12 13 14
1.27
7.80
1.27x13
18.00
7.20
100
0
40%
0%
100%
40
Efficiency / Load
60%
80%
20%
20
60
80
Total Output current (%)
1205
0505
2405
www.recom-international.com
REV: 0/2013
RAZ Series
ECONOLINE
DC/DC-Converter
Typical Characteristics
Package Style and Pinning
3rd angle
projection
Pin Connections
Pin #
Function
1,2
+Vin
12,15~17,28
NC
13
-Vout
14
+Vout
27
-Vin
NC = No Connection
Unit:
mm
Tolerance:
± 0.25 mm
E-63



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com