Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FG10A02 Datasheet(PDF) 1 Page - First Components International

Part # FG10A02
Description  10 Amp Glass Passivated Standard Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FG10A02 Datasheet(HTML) 1 Page - First Components International

  FG10A02 Datasheet HTML 1Page - First Components International FG10A02 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanical Data
Cases: TO-220AB molded plastic
Epoxy: UL 94V-0 rate flame retardant
Terminals: Leads solderable per MIL-STD-
202, Method 208 guaranteed
Polarity: As marked
TO-220
Type Number
Symbol
FG
10A01
FG
10A02
FG
10A03
FG
10A04
FG
10A05
FG
10A06
FG
10A07
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800 1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800 1000
V
Maximum Average Forward Rectified
Current .375”(9.5mm) Lead Length
@TC = 100
℃
I(AV)
10.0
A
Peak Forward Surge Current, 8.3 ms Single
Half Sine-wave Superimposed on Rated
Load (JEDEC method )
IFSM
125
A
Maximum Instantaneous Forward Voltage
@5.0A
VF
1.1
V
Maximum DC Reverse Current @ TC=25
℃
at Rated DC Blocking Voltage
IR
5.0
uA
Typical Junction Capacitance ( Note 1)
Cj
30
pF
Typical Thermal Resistance (Note 2)
R
θJC
3.0
℃/W
Operating and Storage Temperature Range
TJ ,TSTG
- 65 to + 150
℃
Notes: 1. Measured at 1 MHz and Applied Reverse Voltage of 4.0 Volts D.C.
2. Thermal Resistance from Junction to Case Mounted on Heatsink size 2” x 3” x 0.25”
Al-Plate
Features
Low forward voltage drop
High current capability
High reliability
High surge current capability
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
High temperature soldering guaranteed:
260
℃/10 seconds .16”,(4.06mm) from case
Weight: 2.24 grams
TO-220AB
Description
Mechanical Dimensions
"D" suffix
"A" suffix
"C" suffix


Similar Part No. - FG10A02

ManufacturerPart #DatasheetDescription
logo
Faraday Technology
FG100 FARADAY-FG100 Datasheet
77Kb / 2P
GAUSSIAN FILTERS
logo
Extech Instruments Corp...
FG100 EXTECH-FG100 Datasheet
52Kb / 1P
Gas Leak Detector
logo
AEROTECH US. ALL RIGHTS...
FG1000-3D AEROTECH-FG1000-3D Datasheet
127Kb / 4P
Three Axis, Linear Air-Bearing Stage
logo
Mitsubishi Electric Sem...
FG1000BV-90DA MITSUBISHI-FG1000BV-90DA Datasheet
72Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
logo
Powerex Power Semicondu...
FG1000BV-90DA POWEREX-FG1000BV-90DA Datasheet
79Kb / 4P
HIGH POWER INVERTER USE PRESS PACK TYPE
More results

Similar Description - FG10A02

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
6A05G JGD-6A05G Datasheet
137Kb / 2P
6.0 AMP. GLASS PASSIVATED RECTIFIERS
logo
Formosa MS
1N4001G FORMOSA-1N4001G Datasheet
32Kb / 2P
1.0 AMP GLASS PASSIVATED RECTIFIERS
1N5400G FORMOSA-1N5400G Datasheet
32Kb / 2P
3.0 AMP GLASS PASSIVATED RECTIFIERS
logo
Taiwan Semiconductor Co...
1T1G TSC-1T1G Datasheet
54Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
logo
First Components Intern...
FG1001 FCI-FG1001 Datasheet
378Kb / 2P
10 Amp Glass Passivated Standard Rectifiers
FGFP6007 FCI-FGFP6007 Datasheet
442Kb / 3P
60 Amp Glass Passivated Standard Rectifiers
FGP6007 FCI-FGP6007 Datasheet
324Kb / 3P
60 Amp Glass Passivated Standard Rectifiers
logo
Goodwork Semiconductor ...
1N5400G GWSEMI-1N5400G Datasheet
65Kb / 2P
AMP GLASS PASSIVATED RECTIFIERS
logo
DIYI Electronic Technol...
1A1G DYELEC-1A1G Datasheet
650Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
1A1GU DYELEC-1A1GU Datasheet
652Kb / 2P
1.0 AMP. Glass Passivated Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com