Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24C01CSN Datasheet(PDF) 30 Page - Microchip Technology

Part # 24C01CSN
Description  1K 5.0V I2C??Serial EEPROM
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24C01CSN Datasheet(HTML) 30 Page - Microchip Technology

Back Button 24C01CSN Datasheet HTML 26Page - Microchip Technology 24C01CSN Datasheet HTML 27Page - Microchip Technology 24C01CSN Datasheet HTML 28Page - Microchip Technology 24C01CSN Datasheet HTML 29Page - Microchip Technology 24C01CSN Datasheet HTML 30Page - Microchip Technology 24C01CSN Datasheet HTML 31Page - Microchip Technology 24C01CSN Datasheet HTML 32Page - Microchip Technology 24C01CSN Datasheet HTML 33Page - Microchip Technology 24C01CSN Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
24C01C
DS21201K-page 30
 1997-2012 Microchip Technology Inc.
APPENDIX A: REVISION HISTORY
Revision A (06/1997)
Initial release.
Revision B (07/1998)
Revision C (08/1999)
Revision D (12/2003)
Corrections to Section 1.0, Electrical Characteristics.
Revision E (04/2005)
Added DFN package.
Revision F (01/2007)
Revised Features Section; Deleted Commercial Temp;
Replaced Package Drawings; Replaced On-Line
Support page; Revised Product ID System.
Revision G (03/2007)
Replaced Package Drawings (Rev. AM).
Revision H (04/2008)
Replaced Package Drawings; Added TDFN package;
Revised Product ID section.
Revision J (08/2008)
Updated Features Section; Added Table 2-1 Pin
Function Table; Corrections to Table 1-1, DC Charac-
teristics; Updated Table 1-2, AC Characteristics;
Updated Package Drawings.
Revision K (03/2012)
Add 6-Lead SOT-23 Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com