Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2STL2580 Datasheet(PDF) 4 Page - STMicroelectronics

Part # 2STL2580
Description  High voltage fast switching NPN power transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STL2580 Datasheet(HTML) 4 Page - STMicroelectronics

  2STL2580 Datasheet HTML 1Page - STMicroelectronics 2STL2580 Datasheet HTML 2Page - STMicroelectronics 2STL2580 Datasheet HTML 3Page - STMicroelectronics 2STL2580 Datasheet HTML 4Page - STMicroelectronics 2STL2580 Datasheet HTML 5Page - STMicroelectronics 2STL2580 Datasheet HTML 6Page - STMicroelectronics 2STL2580 Datasheet HTML 7Page - STMicroelectronics 2STL2580 Datasheet HTML 8Page - STMicroelectronics 2STL2580 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Electrical characteristics
2STL2580
4/14
Doc ID 18292 Rev 3
2
Electrical characteristics
Tcase = 25 °C unless otherwise specified.
Table 4.
Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ICBO
Collector cut-off current
(IE = 0)
VCB = 800 V
10
µA
IEBO
Emitter cut-off current
(IC = 0)
VEB = 8 V
100
µA
V(BR)CEO
(1)
1.
Pulse test: pulse duration
≤300 µs, duty cycle ≤2%
Collector-emitter
breakdown voltage
(IB = 0)
IC = 10 mA
400
V
V(BR)EBO
Emitter-base breakdown
voltage (IC = 0)
IE = 100 µA
9
V
hFE
(1)
DC current gain
IC = 250 mA
VCE = 5 V
60
100
VCE(sat)
(1)
Collector-emitter
saturation voltage
IC = 1 A
IB = 0.2 A
1
V
VBE(sat)
(1)
Base-emitter saturation
voltage
IC = 1 A
IB = 0.2 A
1.1
V
tr
ts
tf
Resistive load
Rise time
Storage time
Fall time
VCC=200 V, IC=0.3 A
IB1=20 mA, IB2=-50 mA
Tp=30 µs
140
4
90
ns
µs
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com