Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ACT244M Datasheet(PDF) 6 Page - STMicroelectronics

Part # 74ACT244M
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTED)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74ACT244M Datasheet(HTML) 6 Page - STMicroelectronics

  74ACT244M Datasheet HTML 1Page - STMicroelectronics 74ACT244M Datasheet HTML 2Page - STMicroelectronics 74ACT244M Datasheet HTML 3Page - STMicroelectronics 74ACT244M Datasheet HTML 4Page - STMicroelectronics 74ACT244M Datasheet HTML 5Page - STMicroelectronics 74ACT244M Datasheet HTML 6Page - STMicroelectronics 74ACT244M Datasheet HTML 7Page - STMicroelectronics 74ACT244M Datasheet HTML 8Page - STMicroelectronics 74ACT244M Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
74ACT244
6/9
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
a1
0.254
0.010
B
1.39
1.65
0.055
0.065
b0.45
0.018
b1
0.25
0.010
D
25.4
1.000
E8.5
0.335
e2.54
0.100
e3
22.86
0.900
F7.1
0.280
I3.93
0.155
L3.3
0.130
Z1.34
0.053
P001J
Plastic DIP-20 (0.25) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com