Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

20CTQ150 Datasheet(PDF) 2 Page - International Rectifier

Part # 20CTQ150
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

20CTQ150 Datasheet(HTML) 2 Page - International Rectifier

  20CTQ150 Datasheet HTML 1Page - International Rectifier 20CTQ150 Datasheet HTML 2Page - International Rectifier 20CTQ150 Datasheet HTML 3Page - International Rectifier 20CTQ150 Datasheet HTML 4Page - International Rectifier 20CTQ150 Datasheet HTML 5Page - International Rectifier 20CTQ150 Datasheet HTML 6Page - International Rectifier 20CTQ150 Datasheet HTML 7Page - International Rectifier 20CTQ150 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
20CTQ150, 20CTQ150S, 20CTQ150-1
2
Bulletin PD-20648 rev. E 07/06
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.80
0.88
V
@ 10A
(Per Leg) * See Fig. 1
0.90
1.0
V
@ 20A
0.63
0.66
V
@ 10A
0.73
0.77
V
@ 20A
I
RM
Max. Reverse Leakage Current
3.0
25
μATJ = 25 °C
(Per Leg) * See Fig. 2
2.7
5.0
mA
TJ = 125 °C
CT
Typical Junction Capacitance (Per Leg)
-
280
pF
VR = 5VDC (test signal range 100kHz to 1Mhz)
@ 25°C
L
S
Typical Series Inductance (Per Leg)
-
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
-
10000
V/ μs
(Rated VR)
I
F(AV) Max. Average Forward
(Per Leg)
10
A
50% duty cycle @ T
C = 154°C, rectangular wave form
Current
* See Fig. 5
(Per Device)
20
I
FSM
Max. Peak One Cycle Non-Repetitive
1030
5μs Sine or 3μs Rect. pulse
Surge Current (Per Leg)
* See Fig. 7
180
10ms Sine or 6ms Rect. pulse
E
AS
Non-Repetitive Avalanche Energy
2.45
mJ
T
J = 25 °C, IAS = 0.7 Amps, L = 10 mH
(Per Leg)
I
AR
Repetitive Avalanche Current
0.7
A
Current decaying linearly to zero in 1 μsec
(Per Leg)
Frequency limited by TJ max. VA = 1.5 x VR typical
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
Absolute Maximum Ratings
Parameters
Values Units
Conditions
A
150
Parameters
20CTQ150
20CTQ150S
20CTQ150-1
Following any rated
load condition and with
rated VRRM applied
T
J =
25 °C
T
J = 125 °C
Electrical Specifications
Parameters
Typ.
Max. Units
Conditions
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range
-55 to 175
°C
Tstg
Max. Storage Temperature Range
-55 to 175
°C
R
thJC Max. Thermal Resistance Junction
2.0
°C/W DC operation
to Case (Per Leg)
R
thJC Max. Thermal Resistance Junction
1.0
°C/W DC operation
to Case (Per Package)
R
thCS Typical Thermal Resistance,
0.50
°C/W Mounting surface , smooth and greased
Case to Heatsink
(only for TO-220)
wt
Approximate Weight
2 (0.07)
g (oz.)
T
Mounting Torque
Min.
6 (5)
Max.
12 (10)
Marking Device
20CTQ150
Case style TO-220
20CTQ150S
Case style D2-Pak
20CTQ150-1
Case style TO-262
Thermal-Mechanical Specifications
Kg-cm
(Ibf-in)
Parameters
Values Units
Conditions
V
R = rated VR



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com