Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

32CTQ030 Datasheet(PDF) 2 Page - International Rectifier

Part # 32CTQ030
Description  SCHOTTKY RECTIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

32CTQ030 Datasheet(HTML) 2 Page - International Rectifier

  32CTQ030 Datasheet HTML 1Page - International Rectifier 32CTQ030 Datasheet HTML 2Page - International Rectifier 32CTQ030 Datasheet HTML 3Page - International Rectifier 32CTQ030 Datasheet HTML 4Page - International Rectifier 32CTQ030 Datasheet HTML 5Page - International Rectifier 32CTQ030 Datasheet HTML 6Page - International Rectifier 32CTQ030 Datasheet HTML 7Page - International Rectifier 32CTQ030 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
32CTQ..., 32CTQ...S, 32CTQ...-1
2
Bulletin PD-20265 rev. B 07/06
www.irf.com
V
FM
Max. Forward Voltage Drop
(1)
0.49
V
@ 15A
* See Fig. 1
0.58
V
@ 30A
0.40
V
@ 15A
0.53
V
@ 30A
I
RM
Max. Reverse Leakage Current (1)
1.75
mA
T
J = 25 °C
* See Fig. 2
97
mA
T
J = 125 °C
VF(TO) Threshold Voltage
0.233
V
T
J = TJ max.
rt
Forward Slope Resistance
9.09
m
Ω
CT
Max. Junction Capacitance Per Leg
1300
pF
V
R = 5VDC, (test signal range 100Khz to 1Mhz) 25 °C
LS
Typical Series Inductance
Per Leg
8.0
nH
Measured lead to lead 5mm from package body
dv/dt Max. Voltage Rate of Change
10,000
V/ μs
(Rated VR )
T
J =
25 °C
T
J = 125 °C
V
R = rated VR
Electrical Specifications
(1) Pulse Width < 300μs, Duty Cycle < 2%
T
J
Max. Junction Temperature Range
-55to150
°C
Tstg Max.StorageTemperatureRange
-55to150
°C
R
thJC Max. Thermal Resistance Junction
3.25
°C/W
DCoperation
* See Fig. 4
to Case
PerLeg
R
thCS Typical Thermal Resistance,
0.50
°C/W
Mounting surface , smooth and greased
Case to Heatsink
wt
Approximate Weight
2 (0.07) g(oz.)
T
MountingTorque
Min.
6 (5)
Max.
12 (10)
MarkingDevice
32CTQ030
Kg-cm
(Ibf-in)
Thermal-Mechanical Specifications
Part number
32CTQ025
32CTQ030
VR
Max. DC Reverse Voltage (V)
VRWM Max. Working Peak Reverse Voltage (V)
Voltage Ratings
I
F(AV) Max. Average Forward Current
30
A
50% duty cycle @ T
C = 115° C, rectangular wave form
* See Fig. 5
I
FSM
Max.PeakOneCycleNon-Repetitive
900
5μs Sine or 3μs Rect. pulse
Surge Current * See Fig. 7
250
10ms Sine or 6ms Rect. pulse
E
AS
Non-RepetitiveAvalancheEnergy
13
mJ
T
J = 25 °C, IAS = 1.20 Amps, L = 11.10 mH
I
AR
RepetitiveAvalancheCurrent
3
A
Current decayinglinearly to zeroin1 μsec
Frequency limited by T
J max. VA = 1.5 x VR typical
Parameters
32CTQ Units Conditions
Absolute Maximum Ratings
A
Following any rated
load condition and
with rated V
RRM applied
Parameters
32CTQ Units Conditions
Parameters
32CTQ Units Conditions
25
30



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com