Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2951CDG Datasheet(PDF) 21 Page - ON Semiconductor

Part # LP2951CDG
Description  100 mA, Low Power Low Dropout Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LP2951CDG Datasheet(HTML) 21 Page - ON Semiconductor

Back Button LP2951CDG Datasheet HTML 14Page - ON Semiconductor LP2951CDG Datasheet HTML 15Page - ON Semiconductor LP2951CDG Datasheet HTML 16Page - ON Semiconductor LP2951CDG Datasheet HTML 17Page - ON Semiconductor LP2951CDG Datasheet HTML 18Page - ON Semiconductor LP2951CDG Datasheet HTML 19Page - ON Semiconductor LP2951CDG Datasheet HTML 20Page - ON Semiconductor LP2951CDG Datasheet HTML 21Page - ON Semiconductor LP2951CDG Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LP2950, LP2951, NCV2951
http://onsemi.com
21
PACKAGE DIMENSIONS
PDIP−8
N SUFFIX
CASE 626−05
ISSUE M
14
5
8
F
NOTE 5
D
e
b
L
A1
A
E3
E
A
TOP VIEW
C SEATING
PLANE
0.010
CA
SIDE VIEW
END VIEW
END VIEW
NOTE 3
DIM
MIN
NOM
MAX
INCHES
A
−−−−
−−−− 0.210
A1 0.015
−−−−
−−−−
b
0.014
0.018
0.022
C
0.008
0.010
0.014
D
0.355
0.365
0.400
D1 0.005
−−−−
−−−−
e
0.100 BSC
E
0.300
0.310
0.325
L
0.115
0.130
0.150
−−−−
−−−−
5.33
0.38
−−−−
−−−−
0.35
0.46
0.56
0.20
0.25
0.36
9.02
9.27
10.02
0.13
−−−−
−−−−
2.54 BSC
7.62
7.87
8.26
2.92
3.30
3.81
MIN
NOM
MAX
MILLIMETERS
NOTES:
1. DIMENSIONING AND TOLERANCING PER ASME
Y14.5M, 1994.
2. CONTROLLING DIMENSION: INCHES.
3. DIMENSION E IS MEASURED WITH THE LEADS RE-
STRAINED PARALLEL AT WIDTH E2.
4. DIMENSION E1 DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
E1
0.240
0.250
0.280
6.10
6.35
7.11
E2
E3
−−−−
−−−− 0.430
−−−−
−−−− 10.92
0.300 BSC
7.62 BSC
E1
D1
M
8X
e/2
E2
c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com