Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 2 Page - Allegro MicroSystems

  A3979_13 Datasheet HTML 1Page - Allegro MicroSystems A3979_13 Datasheet HTML 2Page - Allegro MicroSystems A3979_13 Datasheet HTML 3Page - Allegro MicroSystems A3979_13 Datasheet HTML 4Page - Allegro MicroSystems A3979_13 Datasheet HTML 5Page - Allegro MicroSystems A3979_13 Datasheet HTML 6Page - Allegro MicroSystems A3979_13 Datasheet HTML 7Page - Allegro MicroSystems A3979_13 Datasheet HTML 8Page - Allegro MicroSystems A3979_13 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
DMOS Microstepping Driver with Translator
A3979
2
Allegro MicroSystems, LLC
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Packing
A3979SLPTR-T
4000 pieces per reel
Absolute Maximum Ratings
Load Supply Voltage
VBB
35
V
Output Current
IOUT
Output current rating may be limited by duty cycle,
ambient temperature, and heat sinking. Under any set of
conditions, do not exceed the specified current rating or a
junction temperature of 150°C.
±2.5
A
Logic Supply Voltage
VDD
7.0
V
Logic Input Voltage Range
VIN
tW > 30 ns
–0.3 to VDD+ 0.3
V
tW < 30 ns
–1 to VDD+ 1
V
Sense Voltage
VSENSE
0.5
V
Reference Voltage
VREF
VDD
V
Operating Ambient Temperature
TA
Range S
–20 to 85
°C
Junction Temperature
TJ(max)
150
°C
Storage Temperature
Tstg
–55 to 150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com