Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIM6800M Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # SIM6800M
Description  High Voltage 3-Phase Motor Driver ICs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SIM6800M Datasheet(HTML) 2 Page - Allegro MicroSystems

  SIM6800M Datasheet HTML 1Page - Allegro MicroSystems SIM6800M Datasheet HTML 2Page - Allegro MicroSystems SIM6800M Datasheet HTML 3Page - Allegro MicroSystems SIM6800M Datasheet HTML 4Page - Allegro MicroSystems SIM6800M Datasheet HTML 5Page - Allegro MicroSystems SIM6800M Datasheet HTML 6Page - Allegro MicroSystems SIM6800M Datasheet HTML 7Page - Allegro MicroSystems SIM6800M Datasheet HTML 8Page - Allegro MicroSystems SIM6800M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
SANKEN ELECTRIC CO., LTD.
SIM6800M-DS
High Voltage 3-Phase Motor Driver ICs
SIM6800M Series
Selection Guide
Part
Number
Power Device Rating
Boot
Resistance
(Ω)
Input
Voltage
(VAC)
Note
Type
Breakdown
(V)
Output
(A)
VCE(sat) (V)
(Typ)
(Max)
SIM6812M
MOSFET
500
2.5
2.0
2.4
60
200
SIM6813M
MOSFET
500
3.0
1.4
1.7
60
200
SIM6822M
IGBT
600
5.0
1.75
2.2
60
200
Low switching loss
SIM6827M
Low noise
Recommended Operating Conditions
Characteristic
Symbol
Remarks
Min.
Typ.
Max.
Units
Main Supply Voltage
VBB
SIM6812M
SIM6813M
Between VBB and LS
–
–
400
V
SIM6822M
SIM6827M
–
–
400
V
Logic Supply Voltage
VCC
Between VCC and COM
13.5
15
16.5
V
Dead Time
tdead
1.5
–
–
μs
Bootstrap Capacitor
CBOOT
1––
μF
Pull-up Resistor ¯F¯¯¯O¯ Pin
RFO
3.3
–
10
kΩ
Capacitor ¯F¯¯¯O¯ Pin
CFO
0.001
–
0.01
μF
Shunt Resistor LS Pin
RS
SIM6812M
SIM6813M
VLS ≤ 1 V
0.33
–
–
Ω
Switching Frequency
fPWM
SIM6822M
SIM6827M
–
–
20
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com