Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR-A6000M Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # STR-A6000M
Description  PWM Off-Line Switching Regulator ICs
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR-A6000M Datasheet(HTML) 4 Page - Allegro MicroSystems

  STR-A6000M Datasheet HTML 1Page - Allegro MicroSystems STR-A6000M Datasheet HTML 2Page - Allegro MicroSystems STR-A6000M Datasheet HTML 3Page - Allegro MicroSystems STR-A6000M Datasheet HTML 4Page - Allegro MicroSystems STR-A6000M Datasheet HTML 5Page - Allegro MicroSystems STR-A6000M Datasheet HTML 6Page - Allegro MicroSystems STR-A6000M Datasheet HTML 7Page - Allegro MicroSystems STR-A6000M Datasheet HTML 8Page - Allegro MicroSystems STR-A6000M Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
SANKEN ELECTRIC CO., LTD.
STR-A6000M-DS
PWM Off-Line Switching Regulator ICs
STR-A6000M
Series
January 8, 2013
Electrical Characteristics of MOSFET Unless otherwise specified, TA is 25°C
Characteristic
Symbol
Test Conditions
Pins
Min.
Typ.
Max.
Unit
Drain-to-Source Breakdown Voltage
VDSS
STR-A6051M
STR-A6052M
STR-A6053M
8 – 1
650
–
–
V
STR-A6079M
800
–
–
V
Drain Leakage Current
IDSS
8 – 1
–
–
300
μA
On-Resistance
RDS(ON)
STR-A6051M
8 – 1
–
–
3.95
Ω
STR-A6052M
–
–
2.8
Ω
STR-A6053M
–
–
1.9
Ω
STR-A6079M
–
–
19.2
Ω
Switching Time
tf
STR-A6051M
STR-A6052M
STR-A6053M
8 – 1
–
–
250
ns
STR-A6079M
–
–
400
ns
Thermal Resistance
Rθch-C
The thermal resistance between
the channels of the MOSFET and
the case. Case temperature, TC, is
measured at the center of the case
top surface.
–
–
–
22
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com