Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STR3A154 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part # STR3A154
Description  PWM Off-Line Switching Regulator ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

STR3A154 Datasheet(HTML) 2 Page - Allegro MicroSystems

  STR3A154 Datasheet HTML 1Page - Allegro MicroSystems STR3A154 Datasheet HTML 2Page - Allegro MicroSystems STR3A154 Datasheet HTML 3Page - Allegro MicroSystems STR3A154 Datasheet HTML 4Page - Allegro MicroSystems STR3A154 Datasheet HTML 5Page - Allegro MicroSystems STR3A154 Datasheet HTML 6Page - Allegro MicroSystems STR3A154 Datasheet HTML 7Page - Allegro MicroSystems STR3A154 Datasheet HTML 8Page - Allegro MicroSystems STR3A154 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
SANKEN ELECTRIC CO., LTD.
STR3A150-DS
July 20, 2012
PWM Off-Line Switching Regulator ICs
STR3A151, STR3A152, STR3A153,
STR3A154, STR3A155
Features and Benefits (continued)
• Soft Start function: reduces stress on internal power MOSFET
and secondary output rectifier diode at startup
• Protection Functions:
▫ Overcurrent Protection function (OCP); pulse-by-pulse,
built-in compensation circuit to minimize OCP point variation
on AC input voltage
▫ Overload Protection function (OLP); auto restart, built-in
timer, reduces heat during overload condition, and no external
components required
▫ Overvoltage Protection function (OVP); latched shutdown
▫ Thermal Shutdown function (TSD); latched shutdown
Selection Guide
Part Number
fOSC
(kHz)
MOSFET
POUT*
(W)
OVP/TSD
VDSS(min)
(V)
RDS(on)(max)
(Ω)
230 VAC
85 to 265 VAC
STR3A151
67
650
4.0
24
16
Latched
STR3A152
3.0
30
23
STR3A153
1.9
36
30
STR3A154
1.4
40
32
STR3A155
1.1
43
35
*The listed output power is based on the thermal ratings, and the peak output power can be 120% to
140% of the value stated here. At low output voltage and short duty cycle, the output power may be less
than the value stated here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com