Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STP75N3LLH6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STP75N3LLH6
Description  N-channel 30 V, 0.0042 廓, 75 A, DPAK, TO-220, IPAK, Short IPAK
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP75N3LLH6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STP75N3LLH6 Datasheet HTML 7Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 8Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 9Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 10Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 11Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 12Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 13Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 14Page - STMicroelectronics STP75N3LLH6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
STD/P/U75N3LLH6, STU75N3LLH6-S
Package mechanical data
Doc ID 15978 Rev 4
11/21
Figure 20.
Short IPAK mechanical drawing
Table 8.
Short IPAK mechanical dimensions
Dim.
mm
Min
Typ
Max
A
2.20
2.40
A1
0.90
1.10
b
0.64
0.90
b2
0.95
b4
5.20
5.40
c
0.45
0.60
c2
0.48
0.60
D
6.00
6.20
E
6.40
6.60
e
2.25
e1
4.40
4.60
H
9.80
10.40
L
3.00
3.40
L1
0.80
1.20
L2
0.80
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com