Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F302RC Datasheet(PDF) 23 Page - STMicroelectronics

Part # STM32F302RC
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F302RC Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STM32F302RC Datasheet HTML 19Page - STMicroelectronics STM32F302RC Datasheet HTML 20Page - STMicroelectronics STM32F302RC Datasheet HTML 21Page - STMicroelectronics STM32F302RC Datasheet HTML 22Page - STMicroelectronics STM32F302RC Datasheet HTML 23Page - STMicroelectronics STM32F302RC Datasheet HTML 24Page - STMicroelectronics STM32F302RC Datasheet HTML 25Page - STMicroelectronics STM32F302RC Datasheet HTML 26Page - STMicroelectronics STM32F302RC Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 133 page
background image
STM32F302xx/STM32F303xx
Functional overview
Doc ID 023353 Rev 5
23/133
3.16
Timers and watchdogs
The STM32F302xx/STM32F303xx includes up to two advanced control timers, up to 6
general-purpose timers, two basic timers, two watchdog timers and a SysTick timer. The
table below compares the features of the advanced control, general purpose and basic
timers.
3.16.1
Advanced timers (TIM1, TIM8)
The advanced-control timers (TIM1 on all devices and TIM8 on
STM32F303xB/STM32F303xC devices) can each be seen as a three-phase PWM
multiplexed on 6 channels. They have complementary PWM outputs with programmable
inserted dead-times. They can also be seen as complete general-purpose timers. The 4
independent channels can be used for:
●
Input capture
●
Output compare
●
PWM generation (edge or center-aligned modes) with full modulation capability (0-
100%)
●
One-pulse mode output
Table 3.
Timer feature comparison
Timer type
Timer
Counter
resolution
Counter
type
Prescaler
factor
DMA
request
generation
Capture/
compare
Channels
Complementary
outputs
Advanced
TIM1,
TIM8
(on
STM32F303xB
/STM32F303x
C devices only)
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
Yes
General-
purpose
TIM2
32-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM3, TIM4
16-bit
Up, Down,
Up/Down
Any integer
between 1
and 65536
Yes
4
No
General-
purpose
TIM15
16-bit
Up
Any integer
between 1
and 65536
Yes
2
1
General-
purpose
TIM16, TIM17
16-bit
Up
Any integer
between 1
and 65536
Yes
1
1
Basic
TIM6,
TIM7
(on
STM32F303xB
/STM32F303x
C devices only)
16-bit
Up
Any integer
between 1
and 65536
Yes
0
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com