Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RB Datasheet(PDF) 108 Page - STMicroelectronics

Part # STM32F303RB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RB Datasheet(HTML) 108 Page - STMicroelectronics

Back Button STM32F303RB Datasheet HTML 104Page - STMicroelectronics STM32F303RB Datasheet HTML 105Page - STMicroelectronics STM32F303RB Datasheet HTML 106Page - STMicroelectronics STM32F303RB Datasheet HTML 107Page - STMicroelectronics STM32F303RB Datasheet HTML 108Page - STMicroelectronics STM32F303RB Datasheet HTML 109Page - STMicroelectronics STM32F303RB Datasheet HTML 110Page - STMicroelectronics STM32F303RB Datasheet HTML 111Page - STMicroelectronics STM32F303RB Datasheet HTML 112Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 133 page
background image
Electrical characteristics
STM32F302xx/STM32F303xx
108/133
Doc ID 023353 Rev 5
SNR
Signal-to-
noise ratio
ADC clock freq.
≤ 72
MHz
Sampling freq
≤ 5
Msps
VDDA = VREF+ = 3.3 V
25°C
Single ended
Fast channel 5.1 Ms
64
67
-
dB
Slow channel 4.8 Ms
65
67
-
Differential
Fast channel 5.1 Ms
68
70
-
Slow channel 4.8 Ms
69
70
-
THD
Total
harmonic
distortion
Single ended
Fast channel 5.1 Ms
-
−75
−72
Slow channel 4.8 Ms
-
−72
−70
Differential
Fast channel 5.1 Ms
-
−80
−74
Slow channel 4.8 Ms
-
−76
−71
1.
ADC DC accuracy values are measured after internal calibration.
2.
ADC accuracy vs. negative Injection Current: Injecting negative current on any analog input pins should be avoided as this
significantly reduces the accuracy of the conversion being performed on another analog input. It is recommended to add a
Schottky diode (pin to ground) to analog pins which may potentially inject negative current.
Any positive injection current within the limits specified for IINJ(PIN) and ΣIINJ(PIN) in Section 6.3.14 does not affect the ADC
accuracy.
3.
Data based on characterization results, not tested in production.
Table 68.
ADC accuracy - limited test conditions (1)(2) (continued)
Symbol
Parameter
Conditions
Min
(3)
Typ
Max(3)
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com