Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F303RB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32F303RB
Description  ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash48KB SRAM
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F303RB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32F303RB Datasheet HTML 1Page - STMicroelectronics STM32F303RB Datasheet HTML 2Page - STMicroelectronics STM32F303RB Datasheet HTML 3Page - STMicroelectronics STM32F303RB Datasheet HTML 4Page - STMicroelectronics STM32F303RB Datasheet HTML 5Page - STMicroelectronics STM32F303RB Datasheet HTML 6Page - STMicroelectronics STM32F303RB Datasheet HTML 7Page - STMicroelectronics STM32F303RB Datasheet HTML 8Page - STMicroelectronics STM32F303RB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 133 page
background image
This is information on a product in full production.
January 2013
Doc ID 023353 Rev 5
1/133
1
STM32F302xB STM32F302xC
STM32F303xB STM32F303xC
ARM Cortex-M4F 32b MCU+FPU, up to 256KB Flash+48KB SRAM
4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
Datasheet
− production data
Features
■ Core: ARM® 32-bit Cortex™-M4F CPU (72 MHz
max), single-cycle multiplication and HW
division, DSP instruction with FPU (floating-point
unit) and MPU (memory protection unit).
■ Operating conditions:
–VDD, VDDA voltage range: 2.0 V to 3.6 V
■ Memories
– 128 to 256 Kbytes of Flash memory
– Up to 40 Kbytes of SRAM on data bus with
HW parity check
– 8 Kbytes of SRAM on instruction bus with
HW parity check (CCM)
■ CRC calculation unit
■ Reset and supply management
– Power-on/Power down reset (POR/PDR)
– Programmable voltage detector (PVD)
– Low power modes: Sleep, Stop and Standby
–VBAT supply for RTC and backup registers
■ Clock management
– 4 to 32 MHz crystal oscillator
– 32 kHz oscillator for RTC with calibration
– Internal 8 MHz RC with x 16 PLL option
– Internal 40 kHz oscillator
■ Up to 87 fast I/Os
– All mappable on external interrupt vectors
– Several 5 V-tolerant
■ 12-channel DMA controller
■ Up to four ADC 0.20 µS (up to 39 channels) with
selectable resolution of 12/10/8/6 bits, 0 to 3.6 V
conversion range, separate analog supply from
2 to 3.6 V
■ Up to two 12-bit DAC channels with analog
supply from 2.4 to 3.6 V
■ Seven fast rail-to-rail analog comparators with
analog supply from 2 to 3.6 V
■ Up to four operational amplifiers that can be
used in PGA mode, all terminal accessible with
analog supply from 2.4 to 3.6 V
■ Up to 24 capacitive sensing channels supporting
touchkey, linear and rotary touch sensors
■ Up to 13 timers
– One 32-bit timer and two 16-bit timers with
up to 4 IC/OC/PWM or pulse counter and
quadrature (incremental) encoder input
– Up to two 16-bit 6-channel advanced-control
timers, with up to 6 PWM channels,
deadtime generation and emergency stop
– One 16-bit timer with 2 IC/OCs, 1
OCN/PWM, deadtime generation and
emergency stop
– Two 16-bit timers with IC/OC/OCN/PWM,
deadtime generation and emergency stop
– Two watchdog timers (independent, window)
– SysTick timer: 24-bit downcounter
– Up to two 16-bit basic timers to drive the
DAC
■ Calendar RTC with Alarm, periodic wakeup from
Stop/Standby
■ Communication interfaces
– CAN interface (2.0B Active)
–Two I2C Fast mode plus (1 Mbit/s) with 20
mA current sink, SMBus/PMBus, wakeup
from STOP
– Up to five USART/UARTs (ISO 7816
interface, LIN, IrDA, modem control)
– Up to three SPIs, two with multiplexed I2S
interface, 4 to 16 programmable bit frame
– USB 2.0 full speed interface
– Infrared Transmitter
■ Serial wire debug, JTAG, Cortex-M4F ETM
■ 96-bit unique ID
Table 1.
Device summary
Reference
Part number
STM32F302xx
STM32F302CB, STM32F302CC, STM32F302RB,
STM32F302RC, STM32F302VB, STM32F302VC
STM32F303xx
STM32F303CB, STM32F303CC, STM32F303RB,
STM32F303RC, STM32F303VB, STM32F303VC
LQFP64 (10 × 10 mm)
LQFP100 (14 × 14 mm)
LQFP48 (7 × 7 mm)
www.st.com


Similar Part No. - STM32F303RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F303RB STMICROELECTRONICS-STM32F303RB Datasheet
2Mb / 148P
ARM®-based Cortex®-M4 32b MCUFPU, up to 256KB Flash 48KB SRAM, 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V
May 2016 Rev 13
More results

Similar Description - STM32F303RB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F415XX STMICROELECTRONICS-STM32F415XX Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
04-Jun-2013
STM32F303VCT6 STMICROELECTRONICS-STM32F303VCT6 Datasheet
1Mb / 132P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash48KB SRAM 4 ADCs, 2 DAC ch., 7 comp, 4 PGA, timers, 2.0-3.6 V operation
24-Jun-2013
STM32F373VCT6 STMICROELECTRONICS-STM32F373VCT6 Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
21-Dec-2012
STM32F372XX STMICROELECTRONICS-STM32F372XX Datasheet
2Mb / 128P
ARM Cortex-M4F 32b MCUFPU, up to 256KB Flash32KB SRAM timers
21-Dec-2012
STM32F373CCT6 STMICROELECTRONICS-STM32F373CCT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM timers, 4 ADCs (12/16-bit), 3 DACs, 2 comp., 2.0-3.6 V operation
19-Sep-2013
STM32F372VBT6 STMICROELECTRONICS-STM32F372VBT6 Datasheet
1Mb / 131P
ARM Cortex-M4 32b MCUFPU, up to 256KB Flash32KB SRAM
19-Sep-2013
STM32F407ZET6 STMICROELECTRONICS-STM32F407ZET6 Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
24-Jan-2012
STM32F415ZGT6 STMICROELECTRONICS-STM32F415ZGT6 Datasheet
5Mb / 186P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash
04-Jun-2013
STM32F722IC STMICROELECTRONICS-STM32F722IC Datasheet
3Mb / 229P
Arm Cortex-M7 32b MCUFPU, 462DMIPS, up to 512KB Flash
April 2020 Rev 6
logo
Analog Devices
MAX32662 AD-MAX32662 Datasheet
1Mb / 80P
Arm Cortex-M4 Processor with FPU-Based Microcontroller (MCU) with 256KB Flash and 80KB SRAM
Rev 0; 1/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com