Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LN Datasheet(PDF) 3 Page - STMicroelectronics

Part # VIPER28LN
Description  Off-line high voltage converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LN Datasheet(HTML) 3 Page - STMicroelectronics

  VIPER28LN Datasheet HTML 1Page - STMicroelectronics VIPER28LN Datasheet HTML 2Page - STMicroelectronics VIPER28LN Datasheet HTML 3Page - STMicroelectronics VIPER28LN Datasheet HTML 4Page - STMicroelectronics VIPER28LN Datasheet HTML 5Page - STMicroelectronics VIPER28LN Datasheet HTML 6Page - STMicroelectronics VIPER28LN Datasheet HTML 7Page - STMicroelectronics VIPER28LN Datasheet HTML 8Page - STMicroelectronics VIPER28LN Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
VIPER28
Block diagram
Doc ID 15028 Rev 5
3/32
1
Block diagram
2
Typical power
Figure 2.
Block diagram
2nd OCP
THERMAL
SHUTDOWN
BURST
OTP
LEB
OCP
BLOCK
OVP DETECTION
LOGIC
HV_ON
S
R
Q
Rsense
UVLO
+
-
Disable
TURN-ON
LOGIC
+
-
PWM
LEB
OCP
2nd OCP
LOGIC
OSCILLATOR
OLP
Tov l
BLOCK
SUPPLY
& UVLO
S
R
Q
HV_ON
PWM
BLOCK
BURST-MODE
LOGIC
SOFT
START
OVP
GND
FB
DRAIN
CONT
Ref erence Voltages
OTP
OVP
OLP
&
Internal Supply bus
BURST
Tovl
2nd OCP
THERMAL
SHUTDOWN
BURST
OTP
LEB
OCP
BLOCK
OVP DETECTION
LOGIC
HV_ON
S
R
Q
Rsense
UVLO
+
-
Disable
TURN-ON
LOGIC
+
-
PWM
LEB
OCP
2nd OCP
LOGIC
OSCILLATOR
OLP
Tov l
BLOCK
SUPPLY
& UVLO
S
R
Q
HV_ON
IDDch
PWM
BLOCK
BURST-MODE
LOGIC
SOFT
START
OVP
GND
VDD
FB
DRAIN
CONT
Ref erence Voltages
OTP
OVP
OLP
&
Internal Supply bus
BURST
Tovl
EPT
EPT
Table 2.
Typical power
Part number
230 VAC
85-265 VAC
Adapter(1)
Open frame(2)
Adapter(1)
Open frame(2)
VIPER28
18 W
20 W
10 W
12 W
1.
Typical continuous power in non ventilated enclosed adapter measured at 50 °C ambient.
2.
Maximum practical continuous power in an open frame design at 50 °C ambient, with adequate heat sinking.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com