Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER27LD Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER27LD
Description  Off-line high voltage converters
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER27LD Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER27LD Datasheet HTML 4Page - STMicroelectronics VIPER27LD Datasheet HTML 5Page - STMicroelectronics VIPER27LD Datasheet HTML 6Page - STMicroelectronics VIPER27LD Datasheet HTML 7Page - STMicroelectronics VIPER27LD Datasheet HTML 8Page - STMicroelectronics VIPER27LD Datasheet HTML 9Page - STMicroelectronics VIPER27LD Datasheet HTML 10Page - STMicroelectronics VIPER27LD Datasheet HTML 11Page - STMicroelectronics VIPER27LD Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
Electrical data
VIPER27
8/31
Doc ID 15133 Rev 5
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Brown out protection
VBRth
Brown out threshold
Voltage falling
0.41 0.45 0.49
V
VBRhyst
Voltage hysteresis above VBRth
Voltage rising
50
mV
IBRhyst
Current hysteresis
7
12
μA
VBRclamp Clamp voltage
IBR = 250 µA
3
V
VDIS
Brown out disable voltage
50
150
mV
Thermal shutdown
TSD
Thermal shutdown temperature
150
160
°C
THYST
Thermal shutdown hysteresis
30
°C
Table 8.
Controller section (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com