Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER28LDTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER28LDTR
Description  Off-line high voltage converters
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER28LDTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER28LDTR Datasheet HTML 4Page - STMicroelectronics VIPER28LDTR Datasheet HTML 5Page - STMicroelectronics VIPER28LDTR Datasheet HTML 6Page - STMicroelectronics VIPER28LDTR Datasheet HTML 7Page - STMicroelectronics VIPER28LDTR Datasheet HTML 8Page - STMicroelectronics VIPER28LDTR Datasheet HTML 9Page - STMicroelectronics VIPER28LDTR Datasheet HTML 10Page - STMicroelectronics VIPER28LDTR Datasheet HTML 11Page - STMicroelectronics VIPER28LDTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Electrical data
VIPER28
8/32
Doc ID 15028 Rev 5
Table 8.
Controller section (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Over-current protection (2nd OCP)
IDMAX
Second over-current threshold
1.2
A
Over-voltage protection
VOVP
Over-voltage protection threshold
2.7
3
3.3
V
TSTROBE
Over-voltage protection strobe time
2.2
us
Extra power management
IDLIM_EPT
Drain current limit with EPT function
ICONT < -10 μA
TJ = 25 °C
85%
IDlim
A
VEPT(STOP) EPT shut down threshold
ICONT < -10 μA
4V
VEPT(RESTART)
EPT restart threshold
0.6
V
IEPT
Sourced EPT current
5
μA
Thermal shutdown
TSD
Thermal shutdown temperature
150
160
°C
THYST
Thermal shutdown hysteresis
30
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com