Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH2SP30TR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VNH2SP30TR-E
Description  Automotive fully integrated H-bridge motor driver
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH2SP30TR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VNH2SP30TR-E Datasheet HTML 17Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 18Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 19Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 20Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 21Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 22Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 23Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 24Page - STMicroelectronics VNH2SP30TR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
VNH2SP30-E
Application information
21/33
When a fault condition is detected, the user can know which power element is in fault by
monitoring the INA, INB, DIAGA/ENA and DIAGB/ENB pins.
In any case, when a fault is detected, the faulty leg of the bridge is latched off. To turn on the
respective output (OUTX) again, the input signal must rise from low to high level.
Note:
In case of the fault condition is not removed, the procedure for unlatching and sending the
device in Stby mode is:
- Clear the fault in the device (toggle : INA if ENA=0 or INB if ENB=0)
- Pull low all inputs, PWM and Diag/EN pins within tDEL.
If the Diag/En pins are already low, PWM=0, the fault can be cleared simply toggling the
input. The device will enter in stby mode as soon as the fault is cleared.
3.1
Reverse battery protection
Three possible solutions can be considered:
1.
a Schottky diode D connected to VCC pin
2.
an N-channel MOSFET connected to the GND pin (see Figure 32: Typical application
circuit for DC to 20 kHz PWM operation short circuit protection on page 20)
3.
a P-channel MOSFET connected to the VCC pin
The device sustains no more than -30A in reverse battery conditions because of the two
body diodes of the power MOSFETs. Additionally, in reverse battery condition the I/Os of
VNH2SP30-E are pulled down to the VCC line (approximately -1.5V). A series resistor must
Figure 33.
Behavior in fault condition (How a fault can be cleared)
IN
A
IN
B
DIAG
A
EN
A
DIAG
B
EN
B
Iout
A
out
B
FAULT
A
(Internal Signal)
FAULT
B
(Internal Signal)
Normal
Operation
OUT
B shorted
to V
CC
t
DEL
Fault Cleared
Stby (*)
Normal
Operation
OUT
B shorted
to GND
t
DEL
Fault Cleared
Normal
Operation
Device Latched
Device Latched
Device Unlatched
IN
A
IN
B
DIAG
A
EN
A
DIAG
B
EN
B
Iout
A
out
B
FAULT
A
(Internal Signal)
FAULT
B
(Internal Signal)
Normal
Operation
OUT
B shorted
to V
CC
t
DEL
Fault Cleared
Stby (*)
Normal
Operation
OUT
B shorted
to GND
t
DEL
Fault Cleared
Normal
Operation
Device Latched
Device Latched
Device Unlatched



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com