Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8553 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8553
Description  1.8 V to 5 V Auto-Zero, In-Amp with Shutdown
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8553 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8553 Datasheet HTML 9Page - Analog Devices AD8553 Datasheet HTML 10Page - Analog Devices AD8553 Datasheet HTML 11Page - Analog Devices AD8553 Datasheet HTML 12Page - Analog Devices AD8553 Datasheet HTML 13Page - Analog Devices AD8553 Datasheet HTML 14Page - Analog Devices AD8553 Datasheet HTML 15Page - Analog Devices AD8553 Datasheet HTML 16Page - Analog Devices AD8553 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AD8553
Rev. A | Page 13 of 20
MAXIMIZING PERFORMANCE THROUGH PROPER
LAYOUT
To achieve the maximum performance of the AD8553, care
should be taken in the circuit board layout. The PC board
surface must remain clean and free of moisture to avoid leakage
currents between adjacent traces. Surface coating of the circuit
board reduces surface moisture and provides a humidity barrier,
reducing parasitic resistance on the board.
Care must be taken to minimize parasitic capacitance on Pin 1
and Pin 10 (Resistor R1 connections). Traces from Pin 1 and
Pin 10 to R1 should be kept short and symmetric. Excessive
capacitance on these pins will result in a gain error. This effect
is most prominent at low gains (G < 10).
For high impedance sources, the PC board traces from the
AD8553 inputs should be kept to a minimum to reduce input
bias current errors.
POWER SUPPLY BYPASSING
The AD8553 uses internally generated clock signals to perform
the autocorrection. As a result, proper bypassing is necessary to
achieve optimum performance. Inadequate or improper bypassing
of the supply lines can lead to excessive noise and offset voltage.
A 0.1 μF surface-mount capacitor should be connected between
the supply lines. This capacitor is necessary to minimize ripple
from the correction clocks inside the IC. For dual-supply
operation (see Figure 33), a 0.1 μF (ceramic) surface-mount
capacitor should be connected from each supply pin to ground.
For single-supply operation, a 0.1 μF surface-mount capacitor
should be connected from the supply line to ground.
All bypass capacitors should be positioned as close to the DUT
supply pins as possible, especially the bypass capacitor between
the supplies. Placement of the bypass capacitor on the back of
the board directly under the DUT is preferred.
INPUT OVERVOLTAGE PROTECTION
All terminals of the AD8553 are protected against ESD. In the
case of a dc overload voltage beyond either supply, a large
current would flow directly through the ESD protection diodes.
If such a condition should occur, an external resistor should be
used in series with the inputs to limit current for voltages
beyond the supply rails. The AD8553 can safely handle 5 mA of
continuous current, resulting in an external resistor selection of
REXT = (VIN − VS)/5 mA.
CAPACITIVE LOAD DRIVE
The output buffer, Pin 4, can drive capacitive loads up to 100 pF.
I
I
I– IR1
M2
VINP
M3
M4
M1
R1
(VINP –VINN)
IR1 =
R1
2I
2I
VINN
VBIAS
M5
M6
I– IR1
I+ IR1
2IR1
C2
R2
VREF
A1
VINP –VINN
R1
2R2
VOUT =VREF +
EXTERNAL
VCC
Figure 30. Simplified AD8553 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com