Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8338ACPZ-R7 Datasheet(PDF) 14 Page - Analog Devices

Part # AD8338ACPZ-R7
Description  Low Power, 18 MHz Variable Gain Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8338ACPZ-R7 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD8338ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8338ACPZ-R7 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD8338
Data Sheet
Rev. 0 | Page 14 of 16
ADJUSTING THE OUTPUT COMMON-MODE
VOLTAGE
As with any differential output, the output of the AD8338 is
a differential voltage that is centered about a common-mode
voltage. The output common-mode voltage (VOCM) of the
AD8338 is nominally set to 1.5 V using an internal reference
(see Figure 42).
9.5kΩ
9.5kΩ
VREF = 1.5V
FBKP
OUTP = 1.5V + VOUT/2
OUTM = 1.5V – VOUT/2
FBKM
IOUT
Figure 42. Output Common-Mode Voltage Set to 1.5 V (Default Setting)
The output common-mode voltage of the AD8338 can be
adjusted to directly drive ADCs with various input common-
mode requirements. To adjust the output common-mode voltage,
add a resistor from each feedback node (FBKP and FBKM) to
either COMM or VBAT. Adding a resistor from each feedback
node to VBAT decreases the output common-mode voltage; add-
ing a resistor from each feedback node to COMM increases the
output common-mode voltage (see Figure 43 and Figure 44).
Table 5 and Table 6 provide examples of resistor values for
decreasing or increasing the output common-mode voltage.
Table 5. Resistor Values for Decreasing the Output
Common-Mode Voltage (Resistor Tied to VBAT)
VBAT (V)
Target VOCM (V)
Resistor Value (Ω)
Tied to
5.0
0.9
55,417
VBAT
3.3
0.9
28,500
VBAT
3.0
0.9
23,750
VBAT
Table 6. Resistor Values for Increasing the Output
Common-Mode Voltage (Resistor Tied to COMM)
VBAT (V)
Target VOCM (V)
Resistor Value (Ω)
Tied to
Any
1.8
47,500
COMM
Any
2.0
28,500
COMM
Any
2.5
14,250
COMM
9.5kΩ
R1
R2
9.5kΩ
VREF = 1.5V
FBKP
FBKM
VBAT
VBAT
IOUT
OUTP = 1.5V –
+ VOUT/2
(VBAT – 1.5V) × 9.5k
R1
OUTM = 1.5V –
+ VOUT/2
(VBAT – 1.5V) × 9.5k
R2
Figure 43. Decreasing the Output Common-Mode Voltage (Resistors
Connected Between the FBKP and FBKM Pins to the VBAT Pin)
9.5kΩ
R1
R2
9.5kΩ
VREF = 1.5V
FBKP
FBKM
COMM
COMM
IOUT
OUTP = 1.5V –
+ VOUT/2
(0 – 1.5V) × 9.5k
R1
OUTM = 1.5V –
+ VOUT/2
(0 – 1.5V) × 9.5k
R2
Figure 44. Increasing the Output Common-Mode Voltage (Resistors
Connected Between the FBKP and FBKM Pins to the COMM Pin)
The AD8338 uses its internal reference for all signal processing.
Therefore, although the output common-mode voltage can be
changed through the application of external resistors, the VREF
signal cannot be changed. For applications that require dc coupling
to an ADC, a differential amplifier must be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com