Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F415OG Datasheet(PDF) 60 Page - STMicroelectronics

Part # STM32F415OG
Description  ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F415OG Datasheet(HTML) 60 Page - STMicroelectronics

Back Button STM32F415OG Datasheet HTML 56Page - STMicroelectronics STM32F415OG Datasheet HTML 57Page - STMicroelectronics STM32F415OG Datasheet HTML 58Page - STMicroelectronics STM32F415OG Datasheet HTML 59Page - STMicroelectronics STM32F415OG Datasheet HTML 60Page - STMicroelectronics STM32F415OG Datasheet HTML 61Page - STMicroelectronics STM32F415OG Datasheet HTML 62Page - STMicroelectronics STM32F415OG Datasheet HTML 63Page - STMicroelectronics STM32F415OG Datasheet HTML 64Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 186 page
background image
Pinouts and pin description
STM32F415xx, STM32F417xx
60/186
DocID022063 Rev 4
PD12
A17
A17
ALE
Yes
Yes
PD13
A18
A18
Yes
PD14
D0
D0
DA0
D0
Yes
Yes
PD15
D1
D1
DA1
D1
Yes
Yes
PG2
A12
-
-
PG3
A13
-
-
PG4
A14
-
-
PG5
A15
-
-
PG6
INT2
-
-
PG7
INT3
-
-
PD0
D2
D2
DA2
D2
Yes
Yes
PD1
D3
D3
DA3
D3
Yes
Yes
PD3
CLK
CLK
Yes
PD4
NOE
NOE
NOE
NOE
Yes
Yes
PD5
NWE
NWE
NWE
NWE
Yes
Yes
PD6
NWAIT
NWAIT
NWAIT
NWAIT
Yes
Yes
PD7
NE1
NE1
NCE2
Yes
Yes
PG9
NE2
NE2
NCE3
-
-
PG10
NCE4_1
NE3
NE3
-
-
PG11
NCE4_2
-
-
PG12
NE4
NE4
-
-
PG13
A24
A24
-
-
PG14
A25
A25
-
-
PB7
NADV
NADV
Yes
Yes
PE0
NBL0
NBL0
Yes
PE1
NBL1
NBL1
Yes
1. Full FSMC features are available on LQFP144, LQFP176, and UFBGA176. The features available on
smaller packages are given in the dedicated package column.
2. Ports F and G are not available in devices delivered in 100-pin packages.
Table 8. FSMC pin definition (continued)
Pins(1)
FSMC
LQFP100(2)
WLCSP90
(2)
CF
NOR/PSRAM/
SRAM
NOR/PSRAM Mux NAND 16 bit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com