Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1 Datasheet(PDF) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

Part # M1
Description  Surface Mount General Rectifier Reverse Voltage 50 to 1000 V Forward Current 1.0 A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GXELECTRONICS [Gaomi Xinghe Electronics Co., Ltd.]
Direct Link  http://www.sddzg.com
Logo GXELECTRONICS - Gaomi Xinghe Electronics Co., Ltd.

M1 Datasheet(HTML) 2 Page - Gaomi Xinghe Electronics Co., Ltd.

  M1 Datasheet HTML 1Page - Gaomi Xinghe Electronics Co., Ltd. M1 Datasheet HTML 2Page - Gaomi Xinghe Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic Curves
TYPICAL REVERSE CHARACTERISTICS
反向特性曲线(典型值)
反向电压 VR(V)
TYPICAL JUNCTION CAPACITANCE
典型结电容
VR Reverse Voltage (V)
脉冲宽度
TYPICAL TRANSIENT THERMAL IMPEDANCE
t, Pulse Duration, sec
典型热阻
M1 ...... M7
峰值反向电压百分比(%)
Percent Of Peak Reverse Voltage,%
FORWARD CURRENT DERATING CURVE
正向电流降额曲线
环境温度 Ta(
°C)
Tamb, ambient temperature (°C)
1.0
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
175
Single Phase
Half Wave 60HZ
Resistive or
inductive Load
通过电流的周期
浪涌特性曲线(最大值)
MAXIMUM NON REPETITIVE
PEAK FORWARD SURGE CURRENT
Number of Cycles at 60 Hz.
1
10
100
5.0
10
15
20
25
30
8.3ms SINGLE HALF SINE-WAVE
(JEDEC Method
正向特性曲线(典型值)
正向电压 VF(V)
TYPICAL FORWARD CHARACTERISTIC
VF Instantaneous Forward Voltage (V)
E
L
C
Y
C
Y
T
U
D
%
1
s
m
0
0
3
=
H
T
D
I
W
E
S
L
U
P
C
°
5
2
=
j
T
6
.
08
.
00
.
12
.
14
.
15
.
1
1
0
.
1
.
0
0
1
0
2
0
TJ=150°C
TJ=100°C
TJ=25°C
0.01
0.1
1
10
100
1000
0
20
40
60
80
100
TJ=25°C
1
10
100
200
0.1
1.0
10
100
0.01
0.1
1
10
100
0.1
1
10
100
- 2 -
星合电子
XINGHE ELECTRONICS
GAOMI XINGHE ELECTRONICSCO.,LTD.     WWW.SDDZG.COM  TEL:0536-2210359



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com