Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF4159CCPZ Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4159CCPZ
Description  Direct Modulation/Fast Waveform Generating, 13 GHz, Fractional-N Frequency Synthesizer
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4159CCPZ Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4159CCPZ Datasheet HTML 17Page - Analog Devices ADF4159CCPZ Datasheet HTML 18Page - Analog Devices ADF4159CCPZ Datasheet HTML 19Page - Analog Devices ADF4159CCPZ Datasheet HTML 20Page - Analog Devices ADF4159CCPZ Datasheet HTML 21Page - Analog Devices ADF4159CCPZ Datasheet HTML 22Page - Analog Devices ADF4159CCPZ Datasheet HTML 23Page - Analog Devices ADF4159CCPZ Datasheet HTML 24Page - Analog Devices ADF4159CCPZ Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
Data Sheet
ADF4159
Rev. B | Page 21 of 36
DEVIATION REGISTER (R5) MAP
When Bits DB[2:0] are set to 101, the on-chip deviation register
(Register R5) is programmed (see Figure 30).
Reserved Bit
The reserved bit must be set to 0 for normal operation.
TXDATA Invert
When Bit DB30 is set to 0, events triggered by TXDATA occur
on the rising edge of the TXDATA pulse. When Bit DB30 is set
to 1, events triggered by TXDATA occur on the falling edge of
the TXDATA pulse.
TXDATA Ramp Clock
When Bit DB29 is set to 0, the clock divider clock is used to
clock the ramp. When Bit DB29 is set to 1, the TXDATA clock
is used to clock the ramp.
Parabolic Ramp
When Bit DB28 is set to 1, the parabolic ramp is enabled. When
Bit DB28 is set to 0, the parabolic ramp is disabled. For more
information, see the Parabolic (Nonlinear) Ramp Mode section.
Interrupt
Bits DB[27:26] determine which type of interrupt is used. This
feature is used for reading back the INT and FRAC value of a
ramp at a given moment in time (a rising edge on the TXDATA
pin triggers the interrupt). From the INT and FRAC bits, the
frequency can be obtained. After readback, the sweep can continue
or stop at the readback frequency. For more information, see the
Interrupt Modes and Frequency Readback section.
FSK Ramp Enable
When Bit DB25 is set to 1, the FSK ramp is enabled. When
Bit DB25 is set to 0, the FSK ramp is disabled.
Dual Ramp Enable
When Bit DB24 is set to 1, the second ramp is enabled. When
Bit DB24 is set to 0, the second ramp is disabled.
Deviation Select
When Bit DB23 is set to 0, the first deviation word is selected.
When Bit DB23 is set to 1, the second deviation word is selected.
4-Bit Deviation Offset Word
Bits DB[22:19] determine the deviation offset word. The devia-
tion offset word affects the deviation resolution.
16-Bit Deviation Word
Bits DB[18:3] determine the signed deviation word. The
deviation word defines the deviation step.
16-BIT DEVIATION WORD
CONTROL
BITS
0
0
0
0
0
TR1
I2
I1
DS1
DO4 DO3 DO2 DO1
D16
D15 D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
C3(1) C2(0) C1(1)
I2
I1
INTERRUPT
0
0
INTERRUPT OFF
1
1
D16
D15
...
...
...
...
...
...
...
...
...
...
...
...
D2
D1
DEVIATION WORD
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
0
0
1
1
3
1
1
1
1
– 1
1
1
1
0
– 2
1
1
0
1
– 3
1
0
0
0
–32,768
D4
D3
D1
D2
4-BIT DEVIATION
OFFSET WORD
0
1
0
1
DO4
DO3
DO2
DO1
DEV OFFSET WORD
0
0
0
0
0
0
0
0
1
1
0
0
1
0
2
.
.
.
.
.
.
.
.
.
.
1
1
0
1
7
1
1
1
0
0
0
0
0
8
9
DS1
DEV SEL
0
DEV WORD 1
1
DEV WORD 2
0
DUAL RAMP
0
DISABLED
1
ENABLED
0
0
DISABLED
1
ENABLED
0
FSK RAMP
0
DISABLED
1
ENABLED
0
PARABOLIC RAMP
0
DISABLED
1
ENABLED
TR1 TXDATA RAMP CLK
0
CLK DIV
1
TXDATA
0
1
1
1
32,767
.
.
.
.
.
.
.
.
.
.
LOAD CHANNEL CONTINUE SWEEP
NOT USED
LOAD CHANNEL STOP SWEEP
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8 DB7 DB6 DB5 DB4 DB3 DB2 DB1 DB0
TXDATA INVERT
Figure 30. Deviation Register (R5) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com