Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S8VT Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # S8VT
Description  Three-phase Input Switch Mode Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8VT Datasheet(HTML) 6 Page - Omron Electronics LLC

  S8VT Datasheet HTML 1Page - Omron Electronics LLC S8VT Datasheet HTML 2Page - Omron Electronics LLC S8VT Datasheet HTML 3Page - Omron Electronics LLC S8VT Datasheet HTML 4Page - Omron Electronics LLC S8VT Datasheet HTML 5Page - Omron Electronics LLC S8VT Datasheet HTML 6Page - Omron Electronics LLC S8VT Datasheet HTML 7Page - Omron Electronics LLC S8VT Datasheet HTML 8Page - Omron Electronics LLC S8VT Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
Three-phase Input Switch Mode Power Supply
S8VT
Notice
Three phase input operation when one phase is missing
The S8VT will in most cases continue to operate even after the loss
of one phase of the supply. The performance specifications are of
course not guaranteed under these conditions. As the loss of one
phase puts additional stress on some components, the life span of
the unit could be shortened. It is prudent therefore to regularly check
for signs of the following possible conditions.
1. Input terminals wiring open/loose.
2. Incorrect/No voltage on one or more phases of the supply.
3. Abrupt or periodical loss of input voltage.
The power supply needs output derating as in the chart for the oper-
ation on missing phase at the input voltage range of 340 to 576 V.
Otherwise, the power supply may deteriorate or be damaged.
In every single application suitability has to be checked.
Note: In two phase operation, the specification for EMC perfor-
mance, hold-up time, efficiency and output ripple will no longer be
valid.
Three phase input switch off
In order to switch off the Power Supply completely: All 3 phases need
to be switched off.
Mounting
To improve and maintain the reliability of the Power Supply over a
long period, adequate consideration must be taken to heat radiation.
The S8VT is designed to radiate heat by natural air cooling, there-
fore, mount the S8VT so that enough air flow takes place around the
power supply.
If installing S8VTF closely, keep the minimum distance of 20 mm at
60°C ambient.
Generating (
±) Output Voltage
An output of
±can be generated as shown below, since the S8VT has
a floating output.
Serial Operation
As shown below, the output voltage from each S8VT can be added.
Types must be the same.
Parallel Operation
As shown below, two S8VT-F (same capacity model) can be paral-
leled to boost the output power (current). Set the output voltages of
the Power Supplies to the same value.
Also, make sure that the thickness and the length of all wires con-
nected to the load are the same to ensure that the wires will have no
voltage drop difference.
Parallel connection is only permissible with ambient temperature
from -10°C to +50°C.
In case of a redundant system or back-up system, use diode to be
connected to output + terminal of all the Power Supplies.
-20 -10
0
10 20 30
Ta (°C)
40 50 60 70 80
0
10
20
30
40
50
60
Load
(%)
70
80
90
100
110
Missing phase de-rating
S8VT-F48024E
S8VT-F96024E
S8VT-F12024E
S8VT-F24024E
+ V
− V
+ V
− V
+V
−V
+V
−V
+ V
− V
+ V
− V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com