Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XL203A Datasheet(PDF) 2 Page - API Delevan

Part # XL203A
Description  Triaxial Analog Accelerometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  API [API Delevan]
Direct Link  http://www.delevan.com
Logo API - API Delevan

XL203A Datasheet(HTML) 2 Page - API Delevan

  XL203A Datasheet HTML 1Page - API Delevan XL203A Datasheet HTML 2Page - API Delevan  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Min
Typical
Max
Units
Conditions/Notes
Range - Measurement Full Scale
Option R006
Option R015
-6
-15
+6
+15
g
g
FSR = 12 g
FSR = 30 g
Sensitivity
At 25°C, Option R006
At 25°C, Option R015
Drift T
MIN to TMAX
333.3
133.3
±.01
±.03
mV/g
mV/g
%/°C
Precise values on calibration certificate
Precise values on calibration certificate
Percent of sensitivity at 25°C
Zero g Bias Level
At 25°C
Drift T
MIN to TMAX
2.500
±1.0
±5.5
V
mg/°C
Precise values on calibration certificate
At 1.25°C/min. temperature rate of change
Alignment
Deviation from ideal axes
±1.0
±3.0
degrees
Precise values on calibration certificate
Can be compensated if required
Transverse Sensitivity
±2
%
Inherent sensor error, excluding misalignment
Nonlinearity
0.1
0.5
% FSR
Best fit straight line
Frequency Response
Option B100
Option B800
100
800
Hz
Hz
Upper cutoff per Option Bnnn, -3 dB pt ±20%
Noise Density
100
µg/√Hz
Self Test Pull-up Resistor
5
kΩ
Logic “1” ≥ 3.5 V, Logic “0” ≤ 1.5 V, “0” causes self test
Temperature Sensor at 25°C
Sensitivity
25 °C Bias Level
2.5
2.5
mV/°C
V
Outputs
Output Voltage Swing
Output Resistance (R
OUT)
Capacitive Drive Capability
0.2
100
1000
4.8
V
Ω
pF
I
OUT = ±2.5 mA (exclusive of ROUT)
Power Supply (V
S)
Input Voltage Limits
Input Voltage - Operating
Input Current
Rejection Ratio
-20
+8.5
15
>120
+38
+36
20
V
V
mA
dB
Continuous
DC
Temperature Range (T
A)
-40
+85
°C
Mass
20
grams
Shock Survival
-5000
+5000
g
Any axis for 0.5 ms, powered or unpowered
Mechanical
Ordering Information
Connections
+1 855.294.3800
www.apitech.com
+1 330.659.3312
2236 N. Cleveland-Massillon Rd.
Akron, Ohio 44333-1255
T
A = TMIN to TMAX; 8.5 ≤ VS ≤ 36 V; Acceleration = 0 g, unless otherwise noted; within one year of calibration.
Specifications for XL203A - improved specifications available upon request
Custom
mounting
adapters
available
upon
request.
Shown with 34170B
Mounting Adapter
(sold separately)
Pin
1
2
3
4
5
6
7
8
9
Signal
A1
SigGnd
A2
5V
A3
T+
ST/Aux
+Vs
Gnd
Wire
Brown
Red
Orange Yellow Green
Blue
Violet
Grey
White
Rev. 3/20/2013
0.354
9.00
0.354
9.00
0.787
20.00
0.580
14.73
0.240
6.10
3mm x 0.5mm Thread
0.138 [3.50] Deep
(4) Places
Bottom View
0.787
20.00
0.354
9.00
0.354
9.00
0.787
20.00
Rear View
3
2
1
1
3
2
Third angle
XL203A
-
Range
R006 : ±6 g
R015 : ±15 g
R006
Instrument
XL203A
-
B100
-
Bandwidth
B100 : 0 to 100 Hz
B800 : 0 to 800 Hz
T004
Termination
T004 : 4 ft. cable with DB9M



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com